Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD27253M Datasheet(PDF) 16 Page - OSRAM GmbH

Part # TMD27253M
Description  ALS, and Small Aperture Proximity Sensor Module
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD27253M Datasheet(HTML) 16 Page - OSRAM GmbH

Back Button TMD27253M Datasheet HTML 12Page - OSRAM GmbH TMD27253M Datasheet HTML 13Page - OSRAM GmbH TMD27253M Datasheet HTML 14Page - OSRAM GmbH TMD27253M Datasheet HTML 15Page - OSRAM GmbH TMD27253M Datasheet HTML 16Page - OSRAM GmbH TMD27253M Datasheet HTML 17Page - OSRAM GmbH TMD27253M Datasheet HTML 18Page - OSRAM GmbH TMD27253M Datasheet HTML 19Page - OSRAM GmbH TMD27253M Datasheet HTML 20Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 51 page
background image
Datasheet, Public
Page 15
[v2-00] 2023-Feb-22
Document Feedback
TMD2725 − Register Description
Register Overview
Figure 18:
Register Overview
Address
Register Name
R/W
Register Function
Reset Value
0x80
ENABLE
R/W
Enables states and functions
0x00
0x81
ATIME
R/W
ALS integration time
0x00
0x82
PRATE
R/W
Proximity sampling time
0x1F
0x83
WTIME
R/W
Wait time
0x00
0x84
AILTL
R/W
ALS interrupt low threshold low byte
0x00
0x85
AILTH
R/W
ALS interrupt low threshold high byte
0x00
0x86
AIHTL
R/W
ALS interrupt high threshold low byte
0x00
0x87
AIHTH
R/W
ALS interrupt high threshold high byte
0x00
0x88
PILT
R/W
Proximity interrupt low threshold
0x00
0x8A
PIHT
R/W
Proximity interrupt high threshold
0x00
0x8C
PERS
R/W
Interrupt persistence filters
0x00
0x8D
CFG0
R/W
Configuration register zero
0x80
0x8E
PCFG0
R/W
Proximity configuration register zero
0x4F
0x8F
PCFG1
R/W
Proximity configuration register one
0x80
0x90
CFG1
R/W
Configuration register one
0x00
0x91
REVID
R
Revision ID
0x20
0x92
ID
R
Device ID
0xE4
0x93
STATUS
R
Device status register
0x00
0x94
PHOTOPICL
R
Photopic channel data low byte
0x00
0x95
PHOTOPICH
R
Photopic channel data high byte
0x00
0x96
ALS_IRL
R
IR channel data low byte
0x00
0x97
ALS_IRH
R
IR channel data high byte
0x00
0x9C
PDATA
R
Proximity channel data
0x00
0x9E
REVID2
R
Auxiliary ID
0x00
0x9F
CFG2
R/W
Configuration register two
0x04
0xAB
CFG3
R/W
Configuration register three
0x4C
Register Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com