Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD27253 Datasheet(PDF) 10 Page - OSRAM GmbH

Part # TMD27253
Description  ALS, and Small Aperture Proximity Sensor Module
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD27253 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button TMD27253 Datasheet HTML 6Page - OSRAM GmbH TMD27253 Datasheet HTML 7Page - OSRAM GmbH TMD27253 Datasheet HTML 8Page - OSRAM GmbH TMD27253 Datasheet HTML 9Page - OSRAM GmbH TMD27253 Datasheet HTML 10Page - OSRAM GmbH TMD27253 Datasheet HTML 11Page - OSRAM GmbH TMD27253 Datasheet HTML 12Page - OSRAM GmbH TMD27253 Datasheet HTML 13Page - OSRAM GmbH TMD27253 Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
Datasheet, Public
Page 9
[v2-00] 2023-Feb-22
Document Feedback
TMD2725 − Typical Operating Characteristics
Figure 13:
ALS Linearity
Figure 14:
Proximity Operation of TMD2725
Proximity Operation: By varying Gain, LED drive current, number of LED pulses and LED pulse duration the
proximity detection range can be adjusted.
0.1
1
10
100
1000
10000
100000
0.01
0.1
1
10
100
1000
10000
Illuminance(Lux)
TMD2725 Linearity Response, 2700 K LED, 50ms
Gain Corrected ALS Count
Best Linear Fit
0
50
100
150
200
250
0
5
10
15
20
25
30
40
50
60
70
80
90
100
110
120
130
140
150
Distance to Target in mm
Proximity Operating Range using six 90mA pulses, while varying Gain and Pulse Length
4μs, 1X Gain
8μs, 2X Gain
16μs, 4X Gain
32μs, 8X Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com