Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD3702VC Datasheet(PDF) 18 Page - OSRAM GmbH

Part # TMD3702VC
Description  Narrow ALS, Color and Proximity Sensor Module
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD3702VC Datasheet(HTML) 18 Page - OSRAM GmbH

Back Button TMD3702VC Datasheet HTML 14Page - OSRAM GmbH TMD3702VC Datasheet HTML 15Page - OSRAM GmbH TMD3702VC Datasheet HTML 16Page - OSRAM GmbH TMD3702VC Datasheet HTML 17Page - OSRAM GmbH TMD3702VC Datasheet HTML 18Page - OSRAM GmbH TMD3702VC Datasheet HTML 19Page - OSRAM GmbH TMD3702VC Datasheet HTML 20Page - OSRAM GmbH TMD3702VC Datasheet HTML 21Page - OSRAM GmbH TMD3702VC Datasheet HTML 22Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 57 page
background image
Datasheet, Public
Page 17
[v2-00] 2023-Mar-14
Document Feedback
TMD3702VC − Register Description
0x9B
BDATAH
R
Blue ADC high data
0x00
0x9C
PDATAL
R
Proximity ADC low data
0x00
0x9D
PDATAH
R
Proximity ADC high data
0x00
0x9E
REVID2
R
Revision ID two
0x07
0x9F
CFG2
R/W
Configuration two
0x00
0xA0
SOFTRST
R/W
Soft reset
0x00
0xAB
CFG3
R/W
Configuration three
0x04
0xAC
CFG4
R/W
Configuration four (must be set to 0x3D)
0x3F
0xAE
CFG6
R/W
Configuration six
0x3F
0xC0
POFFSETL
R/W
Proximity offset low data
0x00
0xC1
POFFSETH
R/W
Proximity offset high data
0x00
0xD7
CALIB
R/W
Proximity offset calibration
0x00
0xD9
CALIBCFG
R/W
Proximity offset calibration control
0x50
0xDC
CALIBSTAT
R
Proximity offset calibration status
0x00
0xDD
INTENAB
R/W
Interrupt enables
0x00
0xE6
FAC_L
R
Factory data low (lot code data)
0x00 to
0xFF
0xE7
FAC_H
R
Factory data high (lot code data)
0x00 to
0xFF
0xF2
TEST3
R/W
Test three (must be set to 0xC4)
0x44
Address
Register
Name
R/W
Register Function
Reset
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com