Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD37024VCM Datasheet(PDF) 32 Page - OSRAM GmbH

Part # TMD37024VCM
Description  Narrow ALS, Color and Proximity Sensor Module
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD37024VCM Datasheet(HTML) 32 Page - OSRAM GmbH

Back Button TMD37024VCM Datasheet HTML 28Page - OSRAM GmbH TMD37024VCM Datasheet HTML 29Page - OSRAM GmbH TMD37024VCM Datasheet HTML 30Page - OSRAM GmbH TMD37024VCM Datasheet HTML 31Page - OSRAM GmbH TMD37024VCM Datasheet HTML 32Page - OSRAM GmbH TMD37024VCM Datasheet HTML 33Page - OSRAM GmbH TMD37024VCM Datasheet HTML 34Page - OSRAM GmbH TMD37024VCM Datasheet HTML 35Page - OSRAM GmbH TMD37024VCM Datasheet HTML 36Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 57 page
background image
Datasheet, Public
Page 31
[v2-00] 2023-Mar-14
Document Feedback
TMD3702VC − Register Description
CDATAL Register (Address 0x94)
Figure 41:
CDATAL Register
CDATAH Register (Address 0x95)
Figure 42:
CDATAH Register
RDATAL Register (Address 0x96)
Figure 43:
RDATAL Register
RDATAH Register (Address 0x97)
Figure 44:
RDATAH Register
Addr: 0x94
CDATAL
Bit
Bit Name
Default
Access
Bit Description
7:0
CDATAL
0x00
RO
This register contains the low byte of the 16-bit clear
channel data.
Addr: 0x95
CDATAH
Bit
Bit Name
Default
Access
Bit Description
7:0
CDATAH
0x00
RO
This register contains the high byte of the 16-bit
clear channel data.
Addr: 0x96
RDATAL
Bit
Bit Name
Default
Access
Bit Description
7:0
RDATAL
0x00
RO
This register contains the low byte of the 16-bit
red channel data.
Addr: 0x97
RDATAH
Bit
Bit Name
Default
Access
Bit Description
7:0
RDATAH
0x00
RO
This register contains the high byte of the 16-bit
red channel data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com