Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD37193 Datasheet(PDF) 54 Page - OSRAM GmbH

Part # TMD37193
Description  ALS/Color and Proximity Sensor
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD37193 Datasheet(HTML) 54 Page - OSRAM GmbH

Back Button TMD37193 Datasheet HTML 50Page - OSRAM GmbH TMD37193 Datasheet HTML 51Page - OSRAM GmbH TMD37193 Datasheet HTML 52Page - OSRAM GmbH TMD37193 Datasheet HTML 53Page - OSRAM GmbH TMD37193 Datasheet HTML 54Page - OSRAM GmbH TMD37193 Datasheet HTML 55Page - OSRAM GmbH TMD37193 Datasheet HTML 56Page - OSRAM GmbH TMD37193 Datasheet HTML 57Page - OSRAM GmbH TMD37193 Datasheet HTML 58Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 95 page
background image
Datasheet, Public
Page 53
[v2-00] 2023-Jan-12
Document Feedback
TMD3719 − Register Overview
Figure 56:
CFG8
Note(s):
1. Return to the Register Map (0x9B)
Figure 57:
CFG9
Note(s):
1. Return to the Register Map (0x9C)
Addr: 0x9B
CFG8
Bit
Field
Reset
Type
Bit Description
7:6
FIFO_THR
10
R/W
FIFO Threshold. Sets a threshold on the FIFO
level that triggers the first FIFO buffer interrupt
(FINT).
VALUE
FIFO_LVL
01
18
216
332
5:0
Reserved
000000
Addr: 0x9C
CGF9
Bit
Field
Reset
Type
Bit Description
7Reserved
0
6
SIEN_FD
0
R/W
System Interrupt Flicker Detection. Enables
system interrupt when flicker detection status
change has occurred.
5:0
Reserved
000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com