Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL25853P Datasheet(PDF) 49 Page - OSRAM GmbH

Part # TSL25853P
Description  Miniature Ambient Light Sensor with UV and Light Flicker Detection
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL25853P Datasheet(HTML) 49 Page - OSRAM GmbH

Back Button TSL25853P Datasheet HTML 45Page - OSRAM GmbH TSL25853P Datasheet HTML 46Page - OSRAM GmbH TSL25853P Datasheet HTML 47Page - OSRAM GmbH TSL25853P Datasheet HTML 48Page - OSRAM GmbH TSL25853P Datasheet HTML 49Page - OSRAM GmbH TSL25853P Datasheet HTML 50Page - OSRAM GmbH TSL25853P Datasheet HTML 51Page - OSRAM GmbH TSL25853P Datasheet HTML 52Page - OSRAM GmbH TSL25853P Datasheet HTML 53Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 86 page
background image
Page 48
Datasheet, Public
Document Feedback
[v4-00] 2022-Dec-22
TSL2585 − Register O ver view
MEAS_SEQR_RESIDUAL_1_AND_WAIT Register
Figure 62:
MEAS_SEQR_RESIDUAL_1_AND_WAIT
Note(s):
1. Return to the Register Map (0xD3).
Addr: 0xD3
MEAS_SEQR_RESIDUAL_1_AND_WAIT
Bit
Field
Reset
Type
Bit Description
7:4
MEASUREMENT_
SEQUENCER_
WAIT_PATTERN
0x1
R/W
Defines if a sequencer step will wait for the
modulator trigger timer to finish as programmed in
MOD_TRIGGER_TIMING and WTIME. At the same
time the timer is restarted. In case this bit is not set,
the next sequencer step will start as soon as all
measurements in the prior step are completed.
Please observe that MOD_TRIGGER_TIMING is “0” by
default. In this case the programmed wait pattern is
ignored since measurement time has always priority
over wait time.
The bit pattern does not represent a value but
controls bitwise which sequencer step shall be used.
The leftmost position of “0000” refers to sequencer
step 3, the rightmost refers to sequencer step 0. By
default the wait is executed for sequencer step 3
(last sequencer step).
3:0
MEASUREMENT_
SEQUENCER_MOD2_
RESIDUAL_ENABLE_
PATTERN
0xF
R/W
Defines if a residual measurement on modulator 2
shall be executed. The bit pattern does not represent
a value but controls bitwise which sequencer step
shall be used. The leftmost position of “0000” refers
to sequencer step 3, the rightmost refers to
sequencer step 0. By default a residual measurement
is done in all sequencer steps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com