Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2581FN Datasheet(PDF) 28 Page - OSRAM GmbH

Part # TSL2581FN
Description  Light-to-Digital Converter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2581FN Datasheet(HTML) 28 Page - OSRAM GmbH

Back Button TSL2581FN Datasheet HTML 24Page - OSRAM GmbH TSL2581FN Datasheet HTML 25Page - OSRAM GmbH TSL2581FN Datasheet HTML 26Page - OSRAM GmbH TSL2581FN Datasheet HTML 27Page - OSRAM GmbH TSL2581FN Datasheet HTML 28Page - OSRAM GmbH TSL2581FN Datasheet HTML 29Page - OSRAM GmbH TSL2581FN Datasheet HTML 30Page - OSRAM GmbH TSL2581FN Datasheet HTML 31Page - OSRAM GmbH TSL2581FN Datasheet HTML 32Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 53 page
background image
ams Datasheet
Page 27
[v1-00] 2016-Apr-05
Document Feedback
TSL2580, TSL2581 − Register Set
Analog Register (07h)
The ANALOG register provides eight bits of control to the
analog block. These bits control the analog gain settings of the
device.
Figure 34:
Analog Register
ID Register (12h)
The ID register provides the value for both the part number and
silicon revision number for that part number. It is a read-only
register whose value never changes.
Figure 35:
ID Register
76
5
4
3
2
1
0
RESV
GAIN
Field
Bits
Description
Reserved
7:3
Reserved. Write as 0.
Gain
2:0
Gain Control. Sets the analog gain of the device according to the following table.
FIELD VALUE
GAIN VALUE
X00
1x
X01
8x
X10
16x
X11
111x
76
5
4
3
2
1
0
PARTNO
REVNO
Field
Bits
Description
PARTNO
7:4
Part Number Identification: field value 1000b = TSL2580, field value 1001b = TSL2581
REVNO
3:0
Revision number identification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com