Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL26723FN Datasheet(PDF) 18 Page - OSRAM GmbH

Part # TSL26723FN
Description  Digital Proximity Detector
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL26723FN Datasheet(HTML) 18 Page - OSRAM GmbH

Back Button TSL26723FN Datasheet HTML 14Page - OSRAM GmbH TSL26723FN Datasheet HTML 15Page - OSRAM GmbH TSL26723FN Datasheet HTML 16Page - OSRAM GmbH TSL26723FN Datasheet HTML 17Page - OSRAM GmbH TSL26723FN Datasheet HTML 18Page - OSRAM GmbH TSL26723FN Datasheet HTML 19Page - OSRAM GmbH TSL26723FN Datasheet HTML 20Page - OSRAM GmbH TSL26723FN Datasheet HTML 21Page - OSRAM GmbH TSL26723FN Datasheet HTML 22Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 47 page
background image
ams Datasheet
Page 17
[v1-01] 2019-Nov-20
Document Feedback
TSL2672 − Principles Of Operation
on the number of proximity pulses, keep in mind that the signal
increases proportionally to PPULSE, while noise increases by
the square root of PPULSE.
Figure 21:
Proximity LED Current Driver Waveform
Figure 20 illustrates light rays emitting from an external IR LED,
reflecting off an object, and being absorbed by the CH0 and
CH1 photodiodes. The proximity diode selector (PDIODE)
determines which of the two photodiodes is used for a given
proximity measurement. Note that neither photodiode is
selected when the device first powers up, so PDIODE must be
set for proximity detection to work.
Referring again to Figure 21, the reflected IR LED and the
background energy is integrated during the LED ON time, then
during the LED OFF time, the integrated background energy is
subtracted from the LED ON time energy, leaving the external
IR LED energy to accumulate from pulse to pulse. The proximity
gain (PGAIN) determines the integration rate, which can be
programmed to 1×, 2×, 4×, or 8× gain. At power up, PGAIN
defaults to 1× gain, which is recommended for most
applications. For reference, PGAIN equal to 8× is comparable to
the TSL2771 1× gain setting. During LED On time integration,
the proximity saturation bit in the Status register (0x13) will be
set if the integrator saturates. This condition can occur if the
proximity gain is set too high for the lighting conditions, such
as in the presence of bright sunlight. Once asserted, PSAT will
remain set until a special function proximity interrupt clear
command is received from the host (see Command Register).
After the programmed number of proximity pulses have been
generated, the proximity ADC converts and scales the proximity
measurement to a 16-bit value, then stores the result in two
LED On
LED Off
IR LED Pulses
Background
Energy
Reflected IR LED +
Background Energy
16.0
ms
7.3
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com