Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL26725FN Datasheet(PDF) 28 Page - OSRAM GmbH

Part # TSL26725FN
Description  Digital Proximity Detector
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL26725FN Datasheet(HTML) 28 Page - OSRAM GmbH

Back Button TSL26725FN Datasheet HTML 24Page - OSRAM GmbH TSL26725FN Datasheet HTML 25Page - OSRAM GmbH TSL26725FN Datasheet HTML 26Page - OSRAM GmbH TSL26725FN Datasheet HTML 27Page - OSRAM GmbH TSL26725FN Datasheet HTML 28Page - OSRAM GmbH TSL26725FN Datasheet HTML 29Page - OSRAM GmbH TSL26725FN Datasheet HTML 30Page - OSRAM GmbH TSL26725FN Datasheet HTML 31Page - OSRAM GmbH TSL26725FN Datasheet HTML 32Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 47 page
background image
ams Datasheet
Page 27
[v1-01] 2019-Nov-20
Document Feedback
TSL2672 − Principles Of Operation
Wait Time Register (0x03)
Wait time is set 2.73 ms increments unless the WLONG bit is
asserted in which case the wait times are 12x longer. WTIME is
programmed as a 2’s complement number. Upon power up, the
wait time register is set to 0xFF.
Figure 31:
Wait Time Register
Note(s):
1. The Proximity Wait Time Register should be configured before PEN is asserted.
Proximity Interrupt Threshold Registers (0x08 - 0x0B)
The proximity interrupt threshold registers provide the upper
and lower threshold values to the proximity interrupt
comparators. See Interrupts in the Principles Of Operation
section for detailed information. Upon power up, the interrupt
threshold registers reset to 0x00.
Figure 32:
Proximity Interrupt Threshold Registers
Field
Bits
Description
WTIME
7:0
REGISTER
VALUE
WAIT TIME
TIME (WLONG = 0)
TIME (WLONG = 1)
0xFF
1
2.73 ms
0.033 s
0xB6
74
202 ms
2.4 s
0x00
256
699 ms
8.4 s
Register
Address
Bits
Description
PILTL
0x08
7:0
Proximity low threshold low byte
PILTH
0x09
7:0
Proximity low threshold high byte
PIHTL
0x0A
7:0
Proximity high threshold low byte
PIHTH
0x0B
7:0
Proximity high threshold high byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com