Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL27713FN Datasheet(PDF) 18 Page - OSRAM GmbH

Part # TSL27713FN
Description  Light-to-Digital Converter with Proximity Sensing
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL27713FN Datasheet(HTML) 18 Page - OSRAM GmbH

Back Button TSL27713FN Datasheet HTML 14Page - OSRAM GmbH TSL27713FN Datasheet HTML 15Page - OSRAM GmbH TSL27713FN Datasheet HTML 16Page - OSRAM GmbH TSL27713FN Datasheet HTML 17Page - OSRAM GmbH TSL27713FN Datasheet HTML 18Page - OSRAM GmbH TSL27713FN Datasheet HTML 19Page - OSRAM GmbH TSL27713FN Datasheet HTML 20Page - OSRAM GmbH TSL27713FN Datasheet HTML 21Page - OSRAM GmbH TSL27713FN Datasheet HTML 22Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 51 page
background image
ams Datasheet
Page 17
[v1-00] 2016-Mar-22
Document Feedback
TSL2771 − Principles Of Operation
Proximity Detection
Proximity sensing uses an external light source (generally an
infrared emitter) to emit light, which is then viewed by the
integrated light detector to measure the amount of reflected
light when an object is in the light path (Figure 19). The amount
of light detected from a reflected surface can then be used to
determine an object’s proximity to the sensor.
Figure 19:
Proximity Detection
The device has controls for the number of IR pulses (PPCOUNT ),
the integration time (PTIME), the LED drive current (PDRIVE),
and the photodiode configuration (PDIODE) (Figure 20). The
photodiode configuration can be set to CH1 diode
(recommended), CH0 diode, or a combination of both diodes.
At the end of the integration cycle, the results are latched into
the proximity data (PDATA) register.
Figure 20:
Proximity Detection Operation
IR LED
Prox
Sensor
Surface Reflectivity (SR)
Background Energy (BGE)
Optical Crosstalk (OC)
Glass Attenuation (GA)
Distance (D)
CH1
Prox
Integration
Prox Control
Prox
ADC
IR LED Constant
Current Sink
CH0
PDATAH(r 0x019), PDATAL(r 0x018)
PDRIVE(r 0x0F, b7:6)
Prox
Data
IR
LED
PTIME(r 2)
PPCOUNT(r 0x0E)
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com