Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL26721 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # TSL26721
Description  Digital Proximity Detector
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL26721 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button TSL26721 Datasheet HTML 4Page - OSRAM GmbH TSL26721 Datasheet HTML 5Page - OSRAM GmbH TSL26721 Datasheet HTML 6Page - OSRAM GmbH TSL26721 Datasheet HTML 7Page - OSRAM GmbH TSL26721 Datasheet HTML 8Page - OSRAM GmbH TSL26721 Datasheet HTML 9Page - OSRAM GmbH TSL26721 Datasheet HTML 10Page - OSRAM GmbH TSL26721 Datasheet HTML 11Page - OSRAM GmbH TSL26721 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
ams Datasheet
Page 7
[v1-01] 2019-Nov-20
Document Feedback
TSL2672 − Absolute Maximum Ratings
Figure 7:
Operating Characteristics; VDD = 3 V, TA = 25°C (unless otherwise noted)
Figure 8:
Proximity Characteristics; VDD = 3 V, TA = 25°C, PGAIN = 1´, PEN = 1 (unless otherwise noted)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
IDD
Supply current
Active — LDR pulse OFF
200
250
μA
Wait state
90
Sleep state - no I²C
activity
2.2
4
VOL
INT, SDA output low voltage
3 mA sink current
0
0.4
V
6 mA sink current
0
0.6
ILEAK
Leakage current, SDA, SCL,
INT pins
−5
5
μA
ILEAK
Leakage current, LDR pin
−5
5
μA
VIH
SCL, SDA input high voltage
TSL26721, TSL26725
0.7 VDD
V
TSL26723, TSL26727
1.25
VIL
SCL, SDA input low voltage
TSL26721, TSL26725
0.3 VDD
V
TSL26723, TSL26727
0.54
Parameter
Test Conditions
Min
Typ
Max
Unit
IDD
Supply current
LDR pulse ON
3
mA
ADC conversion time
step size
PTIME = 0xFF
2.58
2.73
2.9
ms
ADC number of
integration steps (1)
1
256
steps
ADC counts per
step (1)
PTIME = 0xFF
0
1023
counts
ADC count value
λp = 850 nm, Ee = 263.4μW/cm2,
PTIME = 0xFB, PPULSE = 4
CH0 diode
1500
2000
2500
counts
CH1 diode
900
1200
1500
ADC output
responsivity
λp = 850 nm, PTIME = 0xFB,
PPULSE = 1
CH0 diode
1.90
counts/
μW/
cm2
CH1 diode
1.14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com