Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL27711 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # TSL27711
Description  Light-to-Digital Converter with Proximity Sensing
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL27711 Datasheet(HTML) 3 Page - OSRAM GmbH

  TSL27711 Datasheet HTML 1Page - OSRAM GmbH TSL27711 Datasheet HTML 2Page - OSRAM GmbH TSL27711 Datasheet HTML 3Page - OSRAM GmbH TSL27711 Datasheet HTML 4Page - OSRAM GmbH TSL27711 Datasheet HTML 5Page - OSRAM GmbH TSL27711 Datasheet HTML 6Page - OSRAM GmbH TSL27711 Datasheet HTML 7Page - OSRAM GmbH TSL27711 Datasheet HTML 8Page - OSRAM GmbH TSL27711 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 51 page
background image
Page 2
ams Datasheet
Document Feedback
[v1-00] 2016-Mar-22
TSL2771 − General Description
Key Benefits & Features
The benefits and features of TSL2771, Light-to-Digital
Converter with Proximity Sensing are listed below:
Figure 1:
Added Value of Using TSL2771
• Ambient Light Sensing and Proximity Detection in a Single
Device
• Ambient Light Sensing (ALS)
• Approximates Human Eye Response
• Programmable Analog Gain
• Programmable Integration Time
• Programmable Interrupt Function with Upper and
Lower Threshold
• Resolution Up to 16 Bits
• Very High Sensitivity — Operates Well Behind
Darkened Glass
• Up to 1,000,000:1 Dynamic Range
• Proximity Detection
• Programmable Number of IR Pulses
• Programmable Current Sink for the IR LED — No
Limiting Resistor Needed
• Programmable Interrupt Function with Upper and
Lower Threshold
• Covers a 2000:1 Dynamic Range
• Programmable Wait Timer
• Programmable from 2.72 ms to > 8 Seconds
• Wait State — 65 mA Typical Current
• I²C Interface Compatible
• Up to 400 kHz (I²C Fast Mode)
• Dedicated Interrupt Pin
• Sleep Mode – 2.5 mA Typical Current
Benefits
Features
• Enables Operation in IR Light Environments
• Patented Dual-Diode Architecture
• Enables Operation in 10k Lux Sunlight and Accurate
Sensing Behind Spectrally Distorting Materials
• 1M:1 Dynamic Range
• Allows Multiple Power-Level Selection Without
External Passives
• Programmable LED Drive Current
• Reduces Micro-Processor Interrupt Overhead
• Programmable Interrupt Function
• Reduces board Space Requirements while Simplifying
Designs
• Area Efficient 2mm x 2mm Dual Flat No-Lead
(FN) Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com