Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8213 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8213
Description  Dual, High Voltage Current Shunt Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8213 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8213 Datasheet HTML 8Page - Analog Devices AD8213 Datasheet HTML 9Page - Analog Devices AD8213 Datasheet HTML 10Page - Analog Devices AD8213 Datasheet HTML 11Page - Analog Devices AD8213 Datasheet HTML 12Page - Analog Devices AD8213 Datasheet HTML 13Page - Analog Devices AD8213 Datasheet HTML 14Page - Analog Devices AD8213 Datasheet HTML 15Page - Analog Devices AD8213 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD8213
Rev. 0 | Page 12 of 16
APPLICATIONS INFORMATION
HIGH-SIDE CURRENT SENSE WITH A LOW-SIDE
SWITCH
In such load control configurations, the PWM controlled switch
is ground referenced. An inductive load (solenoid) is tied to a
power supply. A resistive shunt is placed between the switch and
the load (see Figure 28). An advantage of placing the shunt on
the high side is that the entire current, including the recircu-
lation current, can be measured, because the shunt remains in
the loop when the switch is off. In addition, diagnostics can be
enhanced because shorts to ground can be detected with the
shunt on the high side. In this circuit configuration, when the
switch is closed, the common-mode voltage moves down to
near the negative rail. When the switch is opened, the voltage
reversal across the inductive load causes the common-mode
voltage to be held one diode drop above the battery by the
clamp diode.
–IN2
1
+IN2
2
GND
3
OUT2
4
CF2
5
–IN1 10
+IN1
9
V+
8
OUT1
7
CF1
6
AD8213
INDUCTIVE
LOAD
CLAMP
DIODE
SWITCH
SHUNT
BATTERY
INDUCTIVE
LOAD
CLAMP
DIODE
SWITCH
SHUNT
BATTERY
5V
CAP1
CAP2
Figure 28. Low-Side Switch
HIGH-SIDE CURRENT SENSING
In this configuration, the shunt resistor is referenced to the
battery. High voltage will be present at the inputs of the current
sense amplifier. In this mode, the recirculation current is again
measured and shorts to ground can be detected. When the
shunt is battery referenced the AD8213 produces a linear
ground referenced analog output. An AD8214 can also be used
to provide an overcurrent detection signal in as little as 100 ns.
This feature will be useful in high current systems, where fast
shutdown in overcurrent conditions is essential.
–IN2
1
+IN2
2
GND
3
OUT2
4
CF2
5
–IN1 10
+IN1
9
V+
8
OUT1
7
CF1
6
AD8213
LOAD
SWITCH
CAP2
SHUNT
1
VS
2
+IN
3
VREG
4
NC
8
–IN
7
NC
6
GND
5
OUT
AD8214
OVERCURRENT
DETECTION (<100ns)
LOAD
SWITCH
CAP1
SHUNT
1
VS
2
+IN
3
VREG
4
NC
8
–IN
7
NC
6
GND
5
OUT
AD8214
OVERCURRENT
DETECTION (<100ns)
5V
Figure 29. Battery Referenced Shunt Resistor
LOW-SIDE CURRENT SENSING
In systems where low-side current sensing is preferred, the
AD8213 provides an integrated solution with great accuracy.
Ground noise is rejected, CMRR is typical higher than 90 dB, and
output linearity is not compromised, regardless of the input
differential voltage.
–IN2
1
+IN2
2
GND
3
OUT2
4
CF2
5
–IN1 10
+IN1
9
V+
8
OUT1
7
CF1
6
AD8213
INDUCTIVE
LOAD
CLAMP
DIODE
SWITCH
SHUNT
BATTERY
INDUCTIVE
LOAD
CLAMP
DIODE
SWITCH
SHUNT
BATTERY
5V
Figure 30. Ground Referenced Shunt Resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com