Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5521ACPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADL5521ACPZ-R7
Description  400 MHz - 4 GHz Low Noise Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5521ACPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADL5521ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5521ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5521ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5521ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5521ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5521ACPZ-R7 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
68
69
70
20
25
30
16
22
24
26
28
Gain (-40°C
+25°C
+85°C)
P1dB (-40°C
+25°C
+85°C)
OIP3 (-40°C
+25°C
+85°C)
S21
S11
S12
S22
Preliminary Technical Data
ADL5521
38
-40°C (1920MHz
TYPICAL PERFORMANCE
1950MHz
1980MHz)
37
35
34
CHARACTERISTICS
36
33
+85°C (1920MHz
32
1950MHz
+25°C (1920MHz
31
1980MHz)
1950MHz
30
1980MHz)
29
67
28
27
66
26
65
25
64
-8
-6
-4
-2
0
2
4
6
8
10
12
14
16
18
20
Pout - dBm
63
62
Figure 7. O IP3 vs. Output Power, Temperature and Frequency
61
60
3.5
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
Temperature - degC
3
Figure 3. ADL5521 Current vs. Temperature
2.5
2
1.5
1
15
Gain (-40°C
0.5
10
+25°C
+85°C)
Output Power (-40°C
0
5
+25°C
1920
1930
1940
1950
1960
1970
1980
+85°C)
Frequency (MHz)
0
-5
Figure 8. Distribution of Noise Figure for Five Parts, 1920 to 1980 MHz
-10
-25
-20
-15
-10
-5
0
5
10
3.5
Pin - dBm
Figure 4. Output Power and Gain vs. Temperature
3
2.5
30
40
35
2
1.5
1
0.5
30
25
20
20
15
18
10
0
400
900
1400
1900
2400
2900
5
Frequency (MHz)
14
0
1920
1930
1940
1950
1960
1970
1980
Figure 9. Distribution of Noise Figure for Five Parts, Complete Frequency
Freq - MHz
Range
Figure 5 Gain, P1dB, OIP3 vs. Frequency
20
15
18
10
16
5
14
0
-5
-10
12
10
8
-15
6
-20
4
2
-25
0
-30
400
900
1400
1900
Frequency - MHz
2400
2900
1920
1930
1940
1950
Freq - MHz
1960
1970
1980
Figure 6. Gain vs. Frequency, Complete Frequency Range, 5 Parts
Figure 10. Typical S Parameters, 1920 to 1980 MHz
Rev. Pr
A | Page 5 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com