Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRBA-03F1AX Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # VRBA-03F1AX
Description  NON-ISOLATED DC/DC CONVERTERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

VRBA-03F1AX Datasheet(HTML) 3 Page - Bel Fuse Inc.

  VRBA-03F1AX Datasheet HTML 1Page - Bel Fuse Inc. VRBA-03F1AX Datasheet HTML 2Page - Bel Fuse Inc. VRBA-03F1AX Datasheet HTML 3Page - Bel Fuse Inc. VRBA-03F1AX Datasheet HTML 4Page - Bel Fuse Inc. VRBA-03F1AX Datasheet HTML 5Page - Bel Fuse Inc. VRBA-03F1AX Datasheet HTML 6Page - Bel Fuse Inc. VRBA-03F1AX Datasheet HTML 7Page - Bel Fuse Inc. VRBA-03F1AX Datasheet HTML 8Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
2.4 Vdc - 5.5 Vdc Input
0.75 Vdc - 3.63 Vdc/3 A Output
General Specifications
Parameter
Min
Typ
Max
Notes
Efficiency
Vo=3.3 V
Vo=2.5 V
Vo=2.0 V
Vo=1.8 V
Vo=1.5 V
Vo=1.2 V
Vo=0.75 V
-
-
-
-
-
-
-
94%
93%
91%
90%
89%
87%
81.5%
-
-
-
-
-
-
-
Measured at Vin=5 V, full load
Switching Frequency
250 kHz
300 kHz
350 kHz
Output Voltage Trim Range
0.7525 V
-
3.63 V
MTBF
9,776,636 hours
Calculated Per Bell Core SR-332 (Vin=5 V;
IO = 2.4 A, Vo=1.8 V; Ta=25
°C)
Dimensions
Inches (L × W × H)
Millimeters (L × W × H)
1.00 x 0.50 x 0.27
25.41 x 12.70 x 6.85
Weight
-
5 g
-
Note
: All specifications are typical at 25 °C unless otherwise stated.
Control Specifications
Parameter
Min
Typ
Max
Notes
Remote On/Off
Signal Low (Unit Off)
-0.2 V
-
0.3 V
Signal High (Unit On)
-
-
Vin, max
Active High: VRBA-03F1A0; Remote On/Off
pin open, Unit on.
Signal Low (Unit On)
-0.2 V
-
0.3 V
Signal High (Unit Off)
1.5 V
-
Vin, max
Active Low: VRBA-03F1AL; Remote On/Off
pin open, Unit on.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com