Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

17K1A331 Datasheet(PDF) 1 Page - CONEC Elektronische Bauelemente GmbH

Part # 17K1A331
Description  Receptacle Assembly Kit Both Sides Bayonet Receptacle Housing with Cat. 5e RJ45 Inline Coupler
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

17K1A331 Datasheet(HTML) 1 Page - CONEC Elektronische Bauelemente GmbH

  17K1A331 Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
1
2
2
3
3
4
4
5
5
6
6
A
A
B
B
C
C
D
D
A3
1/1
Rev.
Changes
Date
Name
R
2012
Draw.
Appd.
Norm
D-old
DIN
Scale:
Part No.:
Material:
Title:
Drawing No.:
Sheet
Autodesk
Inventor
Dim. in
Approval Date
Name
Title
Customer:
a
b
original
3 x b
Jan/21/2013 Vincent Ke
Date
Sept. 28
Sept. 28
J. Chaudry
Vincent Ke
Name
mm
See Notes
Receptacle Assembly Kit
Both Sides Bayonet Receptacle Housing
with Cat. 5e RJ45 Inline Coupler
17K1A331
SEE PART NUMBER TABLE
Tolerance
Unless otherwise specified
0 PLC
`0.50
1
PLC
`0.38
2 PLC
`0.25
3 PLC
`0.10
ANGLES
`3~
Notes:
1. Electrical Specifications:
- Meets EIA/TIA-568-B.2 Cat.5e Specification
- Contact Resistance: 20 mOhm max.
- Insulation Resistance: 500 MOhm min. @ 100 VDC
- Current Rating: 1.2A max. at 25~C
- Working Voltage: 100 VDC
- DWV: 1000 VDC/60s Contact to Contact, 1500 VDC/60s Contact to Metal Shell
- Operating Temperature: -40~C to +85~C
2. Material and Finish:
- Bayonet Receptacle Housing: Polyester, UL94 V-0; Black
or ABS, Nickel Plated, UL94 V-0
- Cat. 5e RJ45 Inline Coupler Metal Shell: Copper Alloy, Nickel Plated
- Cat.5e RJ45 Inline Coupler Plastic Housing: Glass filled PBT UL94 V-0, Color: Black
- Cat5e RJ45 Inline Coupler Contacts: Phosphor Bronze, Finish: 50u" Gold min. over Nickel
3. Connector can be mounted to a maximum panel thickness of 3.2mm.
4. IP67 rated when covered or fully mated with the appropriate mating connector
Receptacle Housing
(Bayonet Locking Style
on Both Sides)
Directive 2002/95/EC RoHS Compliant
Shielded or Unshielded
Cat. 5e RJ45 Inline Coupler
Plastic Version
17-110004
17-110014
Cat. 5e RJ45 Inline Coupler
Shielded Version
Unshielded Version
Metallized Version
17-111254
17-111264
20.2
Bayonet Channel x 3
Bayonet Channel x 3
6.5
32
HEX
37.8
2 b
b
b
Panel Flange
n34.5


Similar Part No. - 17K1A331

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
17K1A330 CONEC-17K1A330 Datasheet
444Kb / 1P
IP67 USB Receptacle Kit (Low Profile) with USB 2.0 Type A Female PCB Version
Oct. 09. 2012
17K1A332 CONEC-17K1A332 Datasheet
542Kb / 1P
IP67 Industrial Duplex LC Receptacle Assembly Kit Plastic Version with bayonet on both sides
Sept. 28. 2012
17K1A332 CONEC-17K1A332 Datasheet
542Kb / 1P
IP67 Industrial Duplex LC Receptacle Assembly Kit Plastic Version with bayonet on both sides
Sept. 28. 2012
17K1A334 CONEC-17K1A334 Datasheet
823Kb / 1P
Receptacle Cover Assembly Kit Both Sides Bayonet Receptacle Housing with Cat. 5e RJ45 Inline Coupler
Sept. 28. 2012
17K1A335 CONEC-17K1A335 Datasheet
1,017Kb / 1P
IP67 Industrial Duplex LC Receptacle Cover Assembly Kit Plastic Version with bayonet on both sides
Sept. 28. 2012
More results

Similar Description - 17K1A331

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
98273-1001 MOLEX-98273-1001 Datasheet
125Kb / 2P
NSCC Receptacle Hybrid Inline Housing
logo
CONEC Elektronische Bau...
17-101794 CONEC-17-101794 Datasheet
518Kb / 1P
RJ45 Plug Kit with shielded Cat. 5e RJ45 Plug Zinc Die-Cast Version
17-10009 CONEC-17-10009 Datasheet
369Kb / 1P
Receptacle Assembly Kit
17-10015 CONEC-17-10015 Datasheet
443Kb / 1P
Receptacle Assembly Kit
17-10017 CONEC-17-10017 Datasheet
438Kb / 1P
Receptacle Assembly Kit
logo
List of Unclassifed Man...
ECF504-SC5E ETC2-ECF504-SC5E Datasheet
72Kb / 1P
KIT, PANEL COUPLER, DELUXE, CAT 5E SHLD RJ45
logo
PowerDynamics, Inc
3352G02630 POWERDYNAMICS-3352G02630 Datasheet
342Kb / 1P
Waterproof Cat.5e Coupler (IP68)
logo
PHOENIX CONTACT
2764072 PHOENIX-2764072 Datasheet
164Kb / 5P
Housing cover,for connection on both sides
2764179 PHOENIX-2764179 Datasheet
172Kb / 11P
Housing cover,for connection on both sides
2764878 PHOENIX-2764878 Datasheet
79Kb / 3P
Housing cover,for connection on both sides
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com