Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3233 Datasheet(PDF) 13 Page - Christian Bürkert GmbH & Co. KG

Part # 3233
Description  T-diaphragm valve with pneumatic actuator in stainless steel (Type INOX)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3233 Datasheet(HTML) 13 Page - Christian Bürkert GmbH & Co. KG

Back Button 3233 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 3233 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 3233 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 3233 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 3233 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 3233 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 3233 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 3233 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 3233 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Type 2064
13 | 16
Visit product website 
5.
Performance specifications
5.1. Medium pressure
Information for control function A
Note:
• For low operating pressures, optional versions with reduced spring force are recommended.
• Pressure data [bar]: Overpressure to atmospheric pressure. Valve closes dynamically against max. operating pressure.
• Information for control function B and I on request.
Diaphragm size
Actuator size Ø
Pilot pressure
Max. operating pressure for seal material
EPDM, FKM
PTFE/EPDM, advanced PTFE/EPDM,
GYLON®/EPDM laminated
DN
[mm]
[bar]
[bar]
[bar]
15
50(D)
5.0…10.5
8.5
5
70(M)
10
10
20
70(M)
5.0…10.5
10
10
25
70(M)
5.0…10.5
6.5
4.5
90(N)
5.0
10
8
32
90(N)
5…10.5
8
6
40
90(N)1.)
5.5…10
5.5
5
130(P)
5.0…7.5
10
10
50
130(P)
5.0…7.5
8
7
1.) Gylon version is not available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com