Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2863 Datasheet(PDF) 13 Page - Christian Bürkert GmbH & Co. KG

Part # 2863
Description  Direct acting 2-way basic proportional valve
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2863 Datasheet(HTML) 13 Page - Christian Bürkert GmbH & Co. KG

Back Button 2863 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2863 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2863 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2863 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2863 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2863 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 2863 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 2863 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 2863 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Product Enquiry Form
Proportional valve
1 | 1
Visit this product area on the website 
© Christian Bürkert GmbH & Co. KG, subject to change
Product Enquiry Form - Proportional valve
Thank you for your interest in our products! In order to provide you with optimum advice, please fill out the following form and send it to your Bürkert
representative or e­mail address: info@burkert.com. All information submitted will of course be kept strictly confidential.
Please fill in the required fields!
*
*Note: The interactive functions of this PDF may be restricted depending on the PDF reader used.
Personal Information
Company
Contact person
Customer no.
Department
Street
Postcode / Town
Telephone no.
Email
Delivery
Quantity
Required delivery date
Operating data
Function
(Function of the control valve in the
process / process description)
Operating medium
Type of medium
Fluid
Steam
Gas
Supply voltage
V
Ambient temperature (max.)
t
u max =
ºC /
ºF
Fluidic data
Flow range Q
Nom
min.
max.
unit
Inlet pressure at Q
Nom
p
1 =
barg1.)
Outlet pressure at Q
Nom
p
2 =
barg1.)
Max. inlet pressure
p
1max =
barg1.)
Medium temperature (min./
max.)
t
m min
=
t
m max =
ºC /
ºF
Port connection
G (DIN ISO 228/1)
NPT (ANSI B1.2)
Flange
Other
1.) Please indicate all pressure values as overpressure to atmospheric pressure [barg] (g = relative pressure)
Material specifications
Body
Stainless steel
Brass
Other
Seals
FKM
EPDM
Other
Approvals / Conformities
e. g. UL/UR, KTW W270, DVGW Gas, ATEX/IECEx, EAC, etc.
Additional Requirements / Comment
Send form
Delete form



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com