Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2513 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 2513
Description  3/2 way solenoid valve for pneumatic applica-tions
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2513 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  2513 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 2513 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 2513 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2513 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2513 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2513 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2513 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2513 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2513 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Visit product website 
DATA SHEET
Type 2518
Cable Plug DIN EN
175301 - 803 - Form A
Type 1087
Timer
Type 2513
Cable plug acc. to DIN
EN 175301 - 803 Form A
1000011018 | Standard | EU | en | 202202 | 07
3/2 way solenoid valve for pneumatic applica-
tions
• Robust servo-piston valve
• Service-friendly manual override
• Single or block assembly
• Explosion-proof versions available
Type 5411 is a pilot operated 3/2 way solenoid valve with manual override as
standard. The body includes a servo piston with the seat seals. Through pilot
channels, the servo piston is either loaded with input pressure or released.
A minimum pressure difference of 1 bar is required for switching. The vent
port is integrated as a sintered bronze silencer directly in the valve body. The
valves can be combined (up to 6 valves) on a single-channel manifold with
common pressure supply.
Product variants described in the data sheet may differ from the product presentation and description.
Type description
Can be combined with
Type 5411
© Christian Bürkert GmbH & Co. KG, Subject to alteration
Type 5411: available until August 2023


Similar Part No. - 2513

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2513 KR-2513 Datasheet
23Kb / 2P
Lowpass Filter
logo
Heyco.
2513 HEYCO-2513 Datasheet
133Kb / 1P
Double D Hole Plugs
logo
Christian Bürkert GmbH ...
2513 BURKERT-2513 Datasheet
511Kb / 6P
Cable plug acc. to DIN EN 175301 - 803 Form A
20.09.2021
2513 BURKERT-2513 Datasheet
1Mb / 14P
4/2 way solenoid valve for pneumatic applica-tions
15.02.2022
2513 BURKERT-2513 Datasheet
1Mb / 11P
4/2 way Solenoid Valve for pneumatics
20.11.2019
More results

Similar Description - 2513

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
V365-V06C ETC-V365-V06C Datasheet
57Kb / 2P
3/2 - MICRO SOLENOID VALVE - Normally closed (N.C.)
logo
eleflow technologies co...
2SC2053 ELEFLOW-2SC2053 Datasheet
251Kb / 3P
Driver amplifiers in general in VHF band mobile radio applica-tions.
logo
Festo Corporation.
VUWG-L10-B52-M5 FESTO-VUWG-L10-B52-M5 Datasheet
90Kb / 2P
Pneumatic valve
VUWG-L10-M52-R-M5 FESTO-VUWG-L10-M52-R-M5 Datasheet
87Kb / 2P
Pneumatic valve
VUWG-L10A-B52-M3 FESTO-VUWG-L10A-B52-M3 Datasheet
88Kb / 2P
Pneumatic valve
VUWG-L10A-M52-M-M3 FESTO-VUWG-L10A-M52-M-M3 Datasheet
89Kb / 2P
Pneumatic valve
VOFC-L-B52-G14-F19A FESTO-VOFC-L-B52-G14-F19A Datasheet
97Kb / 2P
Pneumatic valve
VOFC-LT-M32C-MC-FG13-F19A FESTO-VOFC-LT-M32C-MC-FG13-F19A Datasheet
98Kb / 2P
Pneumatic valve
VOFC-LT-M32C-MC-G14-F19 FESTO-VOFC-LT-M32C-MC-G14-F19 Datasheet
89Kb / 2P
Pneumatic valve
VOFC-LT-M32C-MC-G14-F19A FESTO-VOFC-LT-M32C-MC-G14-F19A Datasheet
89Kb / 2P
Pneumatic valve
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com