Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2513 Datasheet(PDF) 13 Page - Christian Bürkert GmbH & Co. KG

Part # 2513
Description  4/2 way solenoid valve for pneumatic applica-tions
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2513 Datasheet(HTML) 13 Page - Christian Bürkert GmbH & Co. KG

Back Button 2513 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2513 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2513 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2513 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2513 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 2513 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 2513 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 2513 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 2513 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Type 5413
13 | 14
Visit product website 
Single-channel manifold blocks
Note:
For common pressure port P, made of aluminium with banjo bolts and seals (a common balanced pressure port R is possible)
Dimensions
Manifold
Hole spacing A Total length B
Article no.
[mm]
[mm]
2 fold
77
93
005811 
3 fold
110
126
005717 
4 fold
143
159
005843 
5 fold
176
192
005776 
6 fold
209
225
005718 
Double channels manifolds blocks
Note:
For pressure and exhaust port, with mounting screws M5 × 60 DIN 912 and O-rings 11 × 2.5
Dimensions
Manifold
Hole spacing A Total length B
Article no.
[mm]
[mm]
15
33
30
B
M5
A
7
30
16
2 fold
78
93
005686 
3 fold
111
126
005688 
4 fold
144
159
005719 
5 fold
177
192
005696 
6 fold
210
225
005626 
7 fold
243
258
005738 
8 fold
276
291
005724 
9 fold
309
324
005739 
10 fold
342
357
005740 
12 fold
408
423
005700 
Accessories for ATEX/IECEX terminal box
Note:
• A cable gland in polyamide version is included in the delivery. A nickel-plated brass version can be ordered at surcharge.
• For more information on Ex cable glands, see “7.1. Cable glands for ATEX/IECEx terminal box” on page 9.
Description
Article no.
Ex cable gland, brass, nickel-plated, 6…13 mm1.)
773278 
Ex cable gland, polyamide, 7…13 mm1.)
773277 
Set SC02-AC10: Special wrench2.) incl. service manual
293488 
1.) Cable diameter
2.) Not included in the scope of delivery of the valve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com