Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2006021 Datasheet(PDF) 2 Page - Turck, Inc.

Part # 2006021
Description  Capacitive Sensor – With Increased Temperature Range
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

2006021 Datasheet(HTML) 2 Page - Turck, Inc.

  2006021 Datasheet HTML 1Page - Turck, Inc. 2006021 Datasheet HTML 2Page - Turck, Inc. 2006021 Datasheet HTML 3Page - Turck, Inc. 2006021 Datasheet HTML 4Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TURCK Inc. | 3000 Campus Drive Minneapolis, MN 55441-2656 | Phone: 763-553-7300 | Application Support: 1-800-544-7769 | Fax 763-553-0708 | www.turck.com
2|4
Technical data
CE
INMETRO
KOSHA
ATEX
Approval acc. to
KEMA 02 ATEX 1090X
Internal capacitance (C
i
)/inductance (L
i
)
150 nF/150 µH
Device marking
Ex II 2 G Ex ia IIC T6 Gb/II 1 D Ex ia IIIC
T135 °C Da
(max. U
i
= 20 V, I
i
= 20 mA, P
i
= 200 mW)
Mechanical data
 
Design
Threaded barrel, M18 x 1
Dimensions
74  mm
Housing material
Plastic, PA12-GF30, PEI
Active area material
PA12-GF30, yellow
Admissible pressure on front cap
≤ 6 bar
Max. tightening torque of housing nut
2 Nm
Electrical connection
Cable
Cable quality
Ø 5.2 mm, SiHSi, Silicone, 2  m
Core cross-section
2 x 0.5  mm²
Vibration resistance
55 Hz (1 mm)
Shock resistance
30  g (11 ms)
Protection class
IP67
MTTF
448  years acc. to SN 29500 (Ed. 99) 40
°C
Power-on indication
Green
Switching state
LED, Yellow
Mounting instructions



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com