Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD10060A Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # CSD10060A
Description  Zero RecoveryRectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

CSD10060A Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  CSD10060A Datasheet HTML 1Page - Inchange Semiconductor Company Limited CSD10060A Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Zero RecoveryRectifier
CSD10060A
www.iscsemi.com
1
FEATURES
· Zero Reverse Recovery
· Zero Forward Recovery
· Extremely Fast Switching
· Positive Temperature Coefficient on VF
APPLICATIONS
· Motor Control
· Power Factor Correction
· Switch Mode Power Supplies
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VR
DC Blocking Voltage
600
V
IF(AV)
Average Rectified Forward Current
10
A
IFRM
Repetitive Peak Forward Surge Current
TC=25℃, tP=8.3ms, Half Sine Wave
50
A
IFSM
Non-Repetitive Peak Forward Surge
Current
TC=25°C, tP=10ms, Pulse
250
A
PD
Power Dissipation
136
W
TJ
Junction Temperature
-55~175
℃
Tstg
Storage Temperature Range
--55~175
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
1.1
℃
/W
TO-220C Package
3
1
2


Similar Part No. - CSD10060A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CSD10060A ETC-CSD10060A Datasheet
207Kb / 5P
ZERO RECOVERY RECTIFIER
logo
Cree, Inc
CSD10060A CREE-CSD10060A Datasheet
504Kb / 6P
Silicon Carbide Schottky Diode
More results

Similar Description - CSD10060A

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PRN146 CALMIRCO-PRN146 Datasheet
155Kb / 1P
ZERO OHMJUMPER ARRAY
logo
List of Unclassifed Man...
CSD10120 ETC-CSD10120 Datasheet
131Kb / 4P
ZERO RECOVERY RECTIFIER
CSD05120 ETC-CSD05120 Datasheet
145Kb / 4P
ZERO RECOVERY RECTIFIER
logo
National Semiconductor ...
LMC669 NSC-LMC669 Datasheet
465Kb / 14P
AUTO-ZERO
logo
ON Semiconductor
CA3059 ONSEMI-CA3059_06 Datasheet
181Kb / 6P
Zero Voltage Switch
July, 2006 ??Rev. 2
logo
Solid State Optronic
TD3042 SSOUSA-TD3042 Datasheet
594Kb / 5P
Zero-Volt Switching
logo
Emcore Corporation
359B EMCORE-359B Datasheet
413Kb / 2P
Zero Dispersion Modules
logo
IXYS Corporation
PM1205 IXYS-PM1205 Datasheet
113Kb / 6P
Zero-Crossing Detection
logo
SUNMATE electronic Co.,...
RGP20A SUNMATE-RGP20A Datasheet
321Kb / 2P
FAST RECOVERYRECTIFIER DIODES
logo
Micro Commercial Compon...
DLFR106_1114 MCC-DLFR106_1114 Datasheet
599Kb / 4P
1 Amp Glass Passivated, Fast RecoveryRectifier 800 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com