Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC5-M18-RZ3X Datasheet(PDF) 1 Page - Turck, Inc.

Part # BC5-M18-RZ3X
Description  Capacitive Sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

BC5-M18-RZ3X Datasheet(HTML) 1 Page - Turck, Inc.

  BC5-M18-RZ3X Datasheet HTML 1Page - Turck, Inc. BC5-M18-RZ3X Datasheet HTML 2Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TURCK Inc. | 3000 Campus Drive Minneapolis, MN 55441-2656 | Phone: 763-553-7300 | Application Support: 1-800-544-7769 | Fax 763-553-0708 | www.turck.com
1|2
BC5-M18-RZ3X
Capacitive Sensor
Technical data
Type
BC5-M18-RZ3X
ID
2305100
Rated switching distance (flush)
5 mm
Rated switching distance (non-flush)
5 mm
Secured operating distance
≤ (0.72 × Sn)
Hysteresis
2…20  %
Temperature drift
Typical 20 %
Repeat accuracy
≤ 2 % of full scale
Ambient temperature
-25…+70  °C
Electrical data
 
Operating voltage
20…250 VAC
AC rated operational current
≤ 500 mA
Frequency
≥ 50…≤ 60  Hz
Smallest operating current
≥ 5 mA
Residual current
≤ 1.7 mA
Switching frequency
0.02 kHz
Oscillation frequency
According to EN 60947-5-2, 8.2.6.2 Table
9: 0.1…2.0 MHz
Isolation test voltage
≤ 1.5 kV
Output function
2-wire, NC contact, 2-wire
Voltage drop at I
e
≤ 7 V
Tests/approvals
 
Approvals
UL
UL registration number
E210608
Features
■M18 × 1 threaded barrel
■Chrome-plated brass
■Fine adjustment via potentiometer
■AC 2-wire, 20…250 VAC
■NC contact
■Cable connection
Wiring diagram
Functional principle
Capacitive proximity switches are designed
for non-contact and wear-free detection
of electrically conductive as well as non-
conductive metal objects.


Similar Part No. - BC5-M18-RZ3X

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
BC5-M18-RZ3X TURCK-BC5-M18-RZ3X Datasheet
337Kb / 3P
Capacitive sensor
More results

Similar Description - BC5-M18-RZ3X

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
BC5-QF5.5-AN6X2S250 TURCK-BC5-QF5.5-AN6X2S250 Datasheet
232Kb / 2P
Capacitive sensor
BC20-Q20-AN4X2 TURCK-BC20-Q20-AN4X2 Datasheet
212Kb / 2P
Capacitive sensor
logo
Pepperl+Fuchs Inc.
CBB4-12GH60-E2-V1 PF-CBB4-12GH60-E2-V1 Datasheet
256Kb / 2P
Capacitive sensor
CBB4-12GH70-E2 PF-CBB4-12GH70-E2 Datasheet
223Kb / 2P
Capacitive sensor
CBB8-18GS75-E2 PF-CBB8-18GS75-E2 Datasheet
113Kb / 1P
Capacitive sensor
CBN2-F46-E0 PF-CBN2-F46-E0 Datasheet
228Kb / 2P
Capacitive sensor
CBN2-F46-E3 PF-CBN2-F46-E3 Datasheet
244Kb / 2P
Capacitive sensor
CBN15-30GK60-E2 PF-CBN15-30GK60-E2 Datasheet
199Kb / 2P
Capacitive sensor
CCN15-30GS60-E2 PF-CCN15-30GS60-E2 Datasheet
227Kb / 2P
Capacitive sensor
CJ1-12GK-N-15M PF-CJ1-12GK-N-15M Datasheet
241Kb / 2P
Capacitive sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com