Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3052 Datasheet(PDF) 2 Page - Goodwork Semiconductor Co., Ltd .

Part # 2SC3052
Description  Plastic-Encapsulate Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

2SC3052 Datasheet(HTML) 2 Page - Goodwork Semiconductor Co., Ltd .

  2SC3052 Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . 2SC3052 Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd . 2SC3052 Datasheet HTML 3Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
0.1
1
10
1
10
1
10
100
0
100
200
300
400
0.1
1
10
100
10
100
1000
0
25
50
75
100
125
150
0
50
100
150
200
1
10
100
0.4
0.6
0.8
1.0
1
10
100
0
100
200
300
0
1
2
3
4
5
6
7
8
9
10
0.0
0.5
1.0
1.5
2.0
f=1MHz
I
E
=0 / I
C
=0
T
a
=25
oC
REVERSE VOLTAGE
V
(V)
V
CB
/ V
EB
C
ob
/ C
ib
——
C
ib
C
ob
20
COLLECTOR CURRENT
I
C
(mA)
V
CE
=6V
T
a
=25
oC
I
C
f
T
——
150
V
CE
=6V
T
a
=100
oC
T
a
=25
oC
COLLECTOR CURRENT
I
C
(mA)
I
C
h
FE
——
AMBIENT TEMPERATURE
T
a
(
)
℃
P
c
——
T
a
150
COLLECTOR CURRENT
I
C
(mA)
T
a
=25℃
T
a
=100℃
β=10
I
C
V
BEsat
——
150
T
a
=25℃
T
a
=100℃
β=10
V
CEsat
——
I
C
COLLECTOR CURRENT
I
C
(mA)
COMMON
EMITTER
T
a
=25℃
10uA
9uA
8uA
7uA
6uA
5uA
4uA
3uA
2uA
I
B
=1uA
COLLECTOR-EMITTER VOLTAGE
V
CE
(V)
Static Characteristic
Typical Characteristics
2SC3052-SERIES
TRANSISTOR(NPN)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com