Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5658M Datasheet(PDF) 1 Page - Goodwork Semiconductor Co., Ltd .

Part # 2SC5658M
Description  Plastic-Encapsulate Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

2SC5658M Datasheet(HTML) 1 Page - Goodwork Semiconductor Co., Ltd .

  2SC5658M Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . 2SC5658M Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd . 2SC5658M Datasheet HTML 3Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SOT-723
1
. BASE
2
. EMITTER
3. COLLECTOR
FEATURES
Low Cob
Complements the 2SA2029
Marking: BQ,BR,BS
Absolute maximum ratings (Ta=25 unless otherwise noted)
Symbol
Parameter
Limit
Unit
VCBO
Collector-Base Voltage
60
V
VCEO
Collector-Emitter Voltage
50
V
VEBO
Emitter-Base Voltage
7
V
IC
Collector Current -Continuous
150
mA
PC
Collector Dissipation
100
mW
Operation Junction and Storage Temperature Range
℃
TJ,Tstg
-55~+150
Electrical characteristics (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=50μA,IE=0
60
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=1mA,IB=0
50
V
Emitter-base breakdown voltage
V(BR)EBO
IE=50μA,IC=0
7
V
Collector cut-off current
ICBO
VCB=60V,IE=0
0.1
μA
Emitter cut-off current
IEBO
VEB=7V,IC=0
0.1
μA
DC current transfer ratio
hFE
VCE=6V,IC=1mA
120
560
Collector-emitter saturation voltage
VCE(sat)
IC=50mA,IB=5mA
0.4
V
Transition frequency
fT
VCE=12V,IC=2mA, f=100MHz
180
MHz
Output capacitance
Cob
VCB=12V,IE=0, f=1MHz
3.5
pF
Classification of hFE
Rank
Q
R
S
Range
120~270
180~390
270~560
℃
Plastic-Encapsulate Transistors
2SC5658M-SERIES
GENERAL PURPOSE TRANSISTORS(NPN)


Similar Part No. - 2SC5658M

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
2SC5658M3T5G VAISH-2SC5658M3T5G Datasheet
48Kb / 4P
NPN Silicon General Purpose Amplifier Transistor
logo
ON Semiconductor
2SC5658M3T5G ONSEMI-2SC5658M3T5G Datasheet
130Kb / 4P
NPN Silicon General Purpose Amplifier Transistor
September, 2009 ??Rev. 1
2SC5658M3T5G ONSEMI-2SC5658M3T5G Datasheet
101Kb / 5P
NPN Silicon General Purpose Amplifier Transistor
August, 2014 ??Rev. 5
2SC5658M3T5G ONSEMI-2SC5658M3T5G_14 Datasheet
101Kb / 5P
NPN Silicon General Purpose Amplifier Transistor
August, 2014 ??Rev. 5
More results

Similar Description - 2SC5658M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9013 ETC-S9013 Datasheet
963Kb / 2P
PLASTIC ENCAPSULATE TRANSISTORS
logo
Micro Commercial Compon...
MMDT5401 MCC-MMDT5401 Datasheet
116Kb / 3P
Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
BCX51 SECOS-BCX51 Datasheet
1Mb / 1P
Plastic-Encapsulate Transistors
D882 SECOS-D882 Datasheet
277Kb / 2P
Plastic Encapsulate Transistors
logo
Micro Commercial Compon...
MMDT5401 MCC-MMDT5401_11 Datasheet
231Kb / 3P
Plastic-Encapsulate Transistors
logo
MAKO SEMICONDUCTOR CO.,...
2SC945 MAKOSEMI-2SC945 Datasheet
99Kb / 2P
Plastic-Encapsulate Transistors
KTC3875 MAKOSEMI-KTC3875 Datasheet
88Kb / 2P
Plastic-Encapsulate Transistors
logo
Nanjing International G...
KTA1275 DGNJDZ-KTA1275 Datasheet
149Kb / 1P
Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SD2142 JIANGSU-2SD2142 Datasheet
271Kb / 1P
Plastic-Encapsulate Transistors
BC516 JIANGSU-BC516 Datasheet
401Kb / 3P
Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com