Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC847CDW Datasheet(PDF) 2 Page - Goodwork Semiconductor Co., Ltd .

Part # BC847CDW
Description  Plastic-Encapsulate Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

BC847CDW Datasheet(HTML) 2 Page - Goodwork Semiconductor Co., Ltd .

  BC847CDW Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . BC847CDW Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd . BC847CDW Datasheet HTML 3Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
T
a=100℃
T =25℃
a
β=20
COMMON EMITTER
V =5V
CE
FE
I
CE
C
V
——
I
V
—— I
C
C
C
ob ib
V / V
BE
T
I
C
a
C
a
Static Characteristic
7
1000
h
——
C
6
5
4
100
3
2
1
0
0
1
2
3
4
5
6
10
0.1
1
10
100
COLLECTOR-EMITTER VOLTAGE V
(V)
COLLECTOR CURRENT I
(mA)
1000
CEsat
C
1000
BEsat
C
800
100
600
400
10
0.1
1
10
100
200
0.1
1
10
100
COLLECTOR CURRENT I
(mA)
COLLECTOR CURRENT I (mA)
100
I
——
100
C / C
——
CB EB
10
10
1
1
0.1
200
400
600
800
1000
BASE-EMMITER VOLTAGE V
(mV)
0.1
0.1
1
10
20
REVERSE VOLTAGE V (V)
1000
100
f
—— C
250
200
150
100
50
P
—— T
10
1
10
50
COLLECTOR CURRENT I
(mA)
0
0
25
50
75
100
125
150
AMBIENT TEMPERATURE T
(℃)
f=1MHz
I =0/I =0
E
C
T =25℃
a
C
ib
C
ob
T =25℃
a
T =100℃
a
β=20
a
T =100℃
CE
V =5V
COMMON EMITTER
a
T =25℃
20uA
COMMON
EMITTER
18uA
T =25℃
a
16uA
14uA
12uA
10uA
8uA
6uA
4uA
I =2uA
B
V =5V
CE
T =25℃
a
V
BE
C847xDW-SERIES
B
DUAL TRANSISTOR(NPN+NPN)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com