Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT593 Datasheet(PDF) 2 Page - Goodwork Semiconductor Co., Ltd .

Part # FMMT593
Description  Plastic-Encapsulate Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

FMMT593 Datasheet(HTML) 2 Page - Goodwork Semiconductor Co., Ltd .

  FMMT593 Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . FMMT593 Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd . FMMT593 Datasheet HTML 3Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Typical Characteristics
10A
1A
10mA
100mA
1mA
-55 °C
+25 °C
+100 °C
I)/I*=10
VCE(sat) v IC
IC-Collector Current
10mA
100mA
IC-
Collector Current
VBE(sat) v IC
0
0.2
0.4
0.6
0.8
1.0
10A
1A
hFE V IC
10mA
100mA
IC-
Collector Current
1mA
10A
1A
100
0
300
200
400
1mA
10mA
100mA
IC-
Collector Current
VBE(on) v IC
1A
10A
0.6
0.8
1.0
0.4
0.2
0
10mA
100mA
IC-
Collector Current
VCE(sat) v IC
1mA
0
0.1
+25°C
0.2
0.3
0.4
I+/I*=10
10A
1A
0.4
+100 °C
-55 °C
+25 °C
+100 °C
-55 °C
+25 °C
-55 °C
+25 °C
+100 °C
I+/I*=10
V+-=5V
V+-=5V
10
1
0.1
Safe Operating Area
VCE - Collector Emitter Voltage (V)
0.1V
1V
10V
100V
1s
DC
100ms
10ms
100µs
1ms
0
0.1
0.3
0.2
1mA
0.01
I+/I*=50
0.001
FMMT593
TRANSISTOR(PNP)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com