Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDTC114TK Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PDTC114TK
Description  NPN resistor-equipped transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTC114TK Datasheet(HTML) 3 Page - NXP Semiconductors

  PDTC114TK Datasheet HTML 1Page - NXP Semiconductors PDTC114TK Datasheet HTML 2Page - NXP Semiconductors PDTC114TK Datasheet HTML 3Page - NXP Semiconductors PDTC114TK Datasheet HTML 4Page - NXP Semiconductors PDTC114TK Datasheet HTML 5Page - NXP Semiconductors PDTC114TK Datasheet HTML 6Page - NXP Semiconductors PDTC114TK Datasheet HTML 7Page - NXP Semiconductors PDTC114TK Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1998 May 19
3
Philips Semiconductors
Product specification
NPN resistor-equipped transistor
PDTC114TK
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Transistor mounted on an FR4 printed-circuit board.
THERMAL CHARACTERISTICS
Note
1. Transistor mounted on an FR4 printed-circuit board.
CHARACTERISTICS
Tamb =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
50
V
VCEO
collector-emitter voltage
open base
50
V
VEBO
emitter-base voltage
open collector
5V
IO
output current (DC)
100
mA
ICM
peak collector current
100
mA
Ptot
total power dissipation
Tamb ≤ 25 °C; note 1
250
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
150
°C
Tamb
operating ambient temperature
−65
+150
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
500
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB =50V
−−
100
nA
ICEO
collector cut-off current
IB = 0; VCE =30V
−−
1
µA
IB = 0; VCE =30V; Tj = 150 °C
−−
50
µA
IEBO
emitter cut-off current
IC = 0; VEB =5V
−−
100
nA
hFE
DC current gain
IC = 1 mA; VCE = 5 V
200
−−
VCEsat
collector-emitter saturation voltage
IC = 10 mA; IB = 0.5 mA
−−
150
mV
R1
input resistor
7
10
13
k
Cc
collector capacitance
IE =Ie = 0; VCB =10V; f=1MHz
−−
2.5
pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com