Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPS2907R Datasheet(PDF) 2 Page - Goodwork Semiconductor Co., Ltd .

Part # MPS2907R
Description  Plastic-Encapsulate Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

MPS2907R Datasheet(HTML) 2 Page - Goodwork Semiconductor Co., Ltd .

  MPS2907R Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . MPS2907R Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd . MPS2907R Datasheet HTML 3Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
(/(&75,&$/&+$5$&7(5,67,&6 a
T =25
unless otherwise specified
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=-10μA,IE=0
-60
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=-10mA,IB=0
-40
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-10μA,IC=0
-5
V
Collector cut-off current
ICBO
VCB=-50V,IE=0
-10
n A
Collector cut-off current
ICEX
VCE=-30V,VEB(off)=-0.5V
-50
nA
Emitter cut-off current
IEBO
VEB=-3V,IC=0
-10
nA
hFE(1)
VCE=-10V,IC=-0.1mA
52
hFE(2)
VCE=-10V,IC=-150mA
100
300
DC current gain
hFE(3)
VCE=-10V,IC=-500mA
32
VCE(sat)
IC=-150mA,IB=-15mA
-0.4
V
Collector-emitter saturation voltage
VCE(sat)
IC=-500mA,IB=-50mA
-0.67
V
VBE(sat)
IC=-150mA,IB=-15mA
-1
V
Base-emitter saturation voltage
VBE(sat)
IC=-500mA,IB=-50mA
-1.2
V
Transition frequency
fT
VCE=-20V,IC=-50mA,f=100MHz
200
MHz
Delay time
td
10
nS
Rise time
tr
VCC=-30V,Ic=-150mA,IB1=-15mA
25
nS
Storage time
tS
225
nS
Fall time
tf
VCC=-6V,Ic=-150mA,
IB1=IB2=-15mA
60
nS
CLASSIFICATION OF
hFE(2)
Rank
L
H
Range
100-200
200-300
MPS2907R-SERIES
TRANSISTOR(PNP)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com