Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33287 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 33287
Description  Contact Monitoring and Dual Low-Side Protected Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33287 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  33287 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33287 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33287 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33287 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33287 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33287 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33287 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33287 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33287 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Freescale Semiconductor, Inc. reserves the right to change the detail specifications,
as may be required, to permit improvements in the design of its products.
Document Number: MC33287
Rev. 5.0, 2/2007
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2007. All rights reserved.
Contact Monitoring and Dual
Low-Side Protected Driver
The 33287 interfaces between switch contacts and a
microcontroller. Eight switch-to-battery (or switch-to-ground) sense
monitor switch status. Additionally, two internal low-side switches are
available to control inductive or capacitive loads.
The 33287 has eight sense inputs (rated at 40 V) with thresholds
ratiometric to VBAT. One sense input has a dedicated output for direct
interfacing to the MCU and the remaining seven inputs are
multiplexed interfaced to the MCU.
The two low-side switch outputs are current limited to 535 mA and
internally clamped to 50 V. Outputs also have independent
overtemperature shutdown and diagnostic reporting.
Features
• Eight High-Voltage Sense Inputs
• Direct Interfacing to Microcontroller
• Two Current Limited Low-Side Drivers
• Drivers Internally Overvoltage Clamped and Thermally
Protected
• 55 µA Standby Current
• Pb-Free Packaging Designated by Suffix Code EG
Figure 1. Simplified Application Design
AUTOMOTIVE CONTACT MONITORING AND
DUAL LOW-SIDE PROTECTED DRIVER
DW SUFFIX
EG SUFFIX (PB-FREE)
98ASB42343B
20-PIN SOICW
33287
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC33287DW/R2
-40 to 125°C
20 SOICW
MCZ33287EG/R2
8 Sense
to GND
or VBAT
Inputs
GND Sense
33287
5.0 V
VBAT Sense
VBAT
VDD
MCU
VDD1
OUTD2
OUTD1
IN7
IN6
IN5
IN4
IN3
IN2
IN1
IN0
GND
CD1
OUT7
OUT1
AD2
AD1
AD0
VDD2
CD2


Similar Part No. - 33287

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3328 ETC-3328 Datasheet
100Kb / 1P
Heyco짰 Nylon Cable Clamps
logo
Heyco.
3328 HEYCO-3328 Datasheet
84Kb / 1P
Nylon Cable Clamps
logo
KR Electronics, Inc.
3328-SMA KR-3328-SMA Datasheet
57Kb / 3P
865 MHz Bandpass Filter
logo
Aptiv
33283998 APTIV-33283998 Datasheet
241Kb / 2P
CTCS SP SERIES
33284519 APTIV-33284519 Datasheet
241Kb / 2P
CTCS SP SERIES
More results

Similar Description - 33287

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33287 MOTOROLA-MC33287 Datasheet
360Kb / 9P
Contact Monitoring and Dual Low Side Protected Driver
logo
ON Semiconductor
NCV8402D ONSEMI-NCV8402D Datasheet
152Kb / 10P
Dual Self-Protected Low-Side Driver with Temperature and Current Limit
Octtober, 2009 ??Rev. 0
NCV8402AD ONSEMI-NCV8402AD Datasheet
124Kb / 10P
Dual Self-Protected Low-Side Driver with Temperature and Current Limit
November, 2011 ??Rev. 1
logo
STMicroelectronics
VNL5030J-E STMICROELECTRONICS-VNL5030J-E Datasheet
844Kb / 28P
fully protected low-side driver
21-Nov-2013
logo
ON Semiconductor
NCV8402 ONSEMI-NCV8402_16 Datasheet
114Kb / 13P
Self-Protected Low Side Driver
November, 2016 ??Rev. 21
NCV8403A ONSEMI-NCV8403A Datasheet
112Kb / 12P
Self-Protected Low Side Driver
September, 2016 ??Rev. 8
NCV8406A ONSEMI-NCV8406A Datasheet
113Kb / 12P
Self-Protected Low Side Driver
March, 2017 ??Rev. 6
NCV8402D ONSEMI-NCV8402D_16 Datasheet
95Kb / 11P
Dual Self-Protected Low-Side Driver
July, 2016 ??Rev. 3
NCV8401A ONSEMI-NCV8401A Datasheet
97Kb / 10P
Self-Protected Low Side Driver
November, 2016 ??Rev. 12
NCV8406DD ONSEMI-NCV8406DD Datasheet
134Kb / 10P
Dual Self-Protected Low Side Driver with Temperature and Current Limit
August, 2023 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com