Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSA20C45PB Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # DSA20C45PB
Description  Schottky Rectifier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

DSA20C45PB Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  DSA20C45PB Datasheet HTML 1Page - Inchange Semiconductor Company Limited DSA20C45PB Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Schottky Rectifier Diode
DSA20C45PB
www.iscsemi.com
1
FEATURES
· Improved thermal behavior
· High reliability circuit operation
· Extremely low switching losses
· Very low Vf
· Low noise switching
MECHANICAL CHARACTERISTICS
· Rectifiers in Switch ModePower Supplies (SMPS)
· Free wheeling diode in lowvoltage converters
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VR
DC Blocking Voltage
45
V
IF(AV)
Average Rectified Forward Current
10*2
A
IFSM
Nonrepetitive Peak Surge Current
t = 10 ms; (50 Hz), sine; T = 45°C
260
A
PD
Total power dissipation
65
W
TJ
Junction Temperature
-55~175
℃
Tstg
Storage Temperature Range
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
2.4
℃
/W
3
2
1
TO-220C Package
1
3
2
Pin 1 Anode
2 Cathode
3 Anode


Similar Part No. - DSA20C45PB

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DSA20C45PB IXYS-DSA20C45PB Datasheet
102Kb / 2P
Schottky High Performance Schottky Diode Low Loss and Soft Recovery
More results

Similar Description - DSA20C45PB

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MBR0530 UTC-MBR0530 Datasheet
82Kb / 3P
SCHOTTKY RECTIFIER DIODE
MBR0540 UTC-MBR0540 Datasheet
83Kb / 3P
SCHOTTKY RECTIFIER DIODE
logo
List of Unclassifed Man...
MS503 ETC2-MS503 Datasheet
232Kb / 3P
Schottky Rectifier Diode
logo
Seme LAB
1N5819D2A SEME-LAB-1N5819D2A Datasheet
194Kb / 4P
SCHOTTKY RECTIFIER DIODE
logo
Infineon Technologies A...
BAS3020B INFINEON-BAS3020B Datasheet
131Kb / 7P
Schottky Rectifier Diode
2007-12-14
logo
Seme LAB
1N5819CSM4 SEME-LAB-1N5819CSM4_09 Datasheet
117Kb / 3P
SCHOTTKY RECTIFIER DIODE
logo
Shanghai Shunye Electro...
25SQ045 SHUNYE-25SQ045 Datasheet
395Kb / 2P
SCHOTTKY RECTIFIER DIODE
logo
TT Electronics.
1N5806D2 TTELEC-1N5806D2 Datasheet
461Kb / 4P
SCHOTTKY RECTIFIER DIODE
1N5819CSM4 TTELEC-1N5819CSM4 Datasheet
117Kb / 3P
SCHOTTKY RECTIFIER DIODE
logo
Inchange Semiconductor ...
STPS160H100TV ISC-STPS160H100TV Datasheet
550Kb / 3P
Schottky Rectifier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com