Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33742S Datasheet(PDF) 51 Page - Freescale Semiconductor, Inc

Part # 33742S
Description  System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33742S Datasheet(HTML) 51 Page - Freescale Semiconductor, Inc

Back Button 33742S Datasheet HTML 47Page - Freescale Semiconductor, Inc 33742S Datasheet HTML 48Page - Freescale Semiconductor, Inc 33742S Datasheet HTML 49Page - Freescale Semiconductor, Inc 33742S Datasheet HTML 50Page - Freescale Semiconductor, Inc 33742S Datasheet HTML 51Page - Freescale Semiconductor, Inc 33742S Datasheet HTML 52Page - Freescale Semiconductor, Inc 33742S Datasheet HTML 53Page - Freescale Semiconductor, Inc 33742S Datasheet HTML 54Page - Freescale Semiconductor, Inc 33742S Datasheet HTML 55Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 65 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
51
33742
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
INTERRUPT REGISTER (INTR)
Tables 40 through 42 contain the Interrupt Register information. The INTR register allows masking or enabling the interrupt
source. A read operation identifies the interrupt source. Table 42 provides status bit information. The status bits of the INTR
register content are copies of the IOR, CAN, TIM, and LPC registers status content. To clear the Interrupt Register bits, the IOR,
CAN, TIM, and/or LPC registers must be cleared (read register) and the recovery condition must occur. Errors bits are latched
in the CAN register and the IOR register.
When the mask bit is set, the INT pin goes LOW if the appropriate condition occurs. Upon a wake-up condition from Stop mode
due to overcurrent detection (IDDS-WU1 or IDDS-WU2), an INT pulse is generated; however, INTR register content remains at 0000
(not bit set into the INTR register).
Table 40. Interrupt Register
INTR
R/W
D3
D2
D1
D0
$111b
W
VSUPLOW
HSOT-V2LOW
(64)
V1TEMP
CANF
R
VSUPLOW
HSOT
V1TEMP
CANF
Reset Value
–
0
0
0
0
Reset Condition
(Write) (65)
–
POR, RST
POR, RST
POR, RST
POR, RST
Notes
64.
If only HSOT- V2LOW interrupt is selected (only bit D2 set in INTR register), reading INTR register bit D2 leads to two possibilities:
1. Bit D2 = 1: Interrupt source is HSOT.
2. Bit D2 = 0: Interrupt source is V2LOW.
HSOT and V2LOW bits status are available in the IOR register.
65.
See Table 13, page 42, for definitions of reset conditions.
Table 41. Interrupt Register Control Bits
Name
Description
CANF
Mask bit for CAN failures.
VDDTEMP
Mask bit for VDD medium temperature
(pre-warning).
HSOT - V2LOW
Mask bit for HS overtemperature AND V2LTH < 4.0 V.
VSUPLOW
Mask bit for VBF(EW) < 5.8 V.
Table 42. Interrupt Register Status Bits
Name
Logic
Description
VSUPLOW
0
No VBF(EW) < 5.8 V.
1
VBF(EW) < 5.8 V.
HSOT
0
No HS overtemperature.
1
HS overtemperature.
VDDTEMP
0
No VDD medium temperature (pre-warning).
1
VDD medium temperature (pre-warning).
CANF
0
No CAN failure.
1
CAN failure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com