Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6204-AWLM-S Datasheet(PDF) 21 Page - OSRAM GmbH

Part # AS6204-AWLM-S
Description  Digital Temperature Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS6204-AWLM-S Datasheet(HTML) 21 Page - OSRAM GmbH

Back Button AS6204-AWLM-S Datasheet HTML 17Page - OSRAM GmbH AS6204-AWLM-S Datasheet HTML 18Page - OSRAM GmbH AS6204-AWLM-S Datasheet HTML 19Page - OSRAM GmbH AS6204-AWLM-S Datasheet HTML 20Page - OSRAM GmbH AS6204-AWLM-S Datasheet HTML 21Page - OSRAM GmbH AS6204-AWLM-S Datasheet HTML 22Page - OSRAM GmbH AS6204-AWLM-S Datasheet HTML 23Page - OSRAM GmbH AS6204-AWLM-S Datasheet HTML 24Page - OSRAM GmbH AS6204-AWLM-S Datasheet HTML 25Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
Document Feedback
AS6204
Register Description
Datasheet
• PUBLIC
DS000628
• v4-00 • 2021-Oct-18
36
│ 20
Figure 22:
Default Values for THIGH and TLOW
Register
Temperature
Binary Value
TLOW
75 °C
L11..L0 = 0100 1011 0000
THIGH
80 °C
H11.H0 = 0101 0000 0000
The following table defines the register bits of the THIGH and TLOW register.
Figure 23:
Register Bit Settings for THIGH/TLOW
Address 0x2 / 0x3
Bit
Bit Name for TLOW
Bit Name for THIGH
Access
0
0
0
RW
1
0
0
RW
2
0
0
RW
3
0
0
RW
4
L1
H1
RW
5
L2
H2
RW
6
L3
H3
RW
7
L4
H4
RW
8
L5
H5
RW
9
L6
H6
RW
10
L7
H7
RW
11
L8
H8
RW
12
L9
H9
RW
13
L10
H10
RW
14
L11
H11
RW
15
L12
H12
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com