Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4LS5K-5MIA Datasheet(PDF) 42 Page - OSRAM GmbH

Part # 4LS5K-5MIA
Description  4LS15K, 4LS10K and 4LS5K Line Scan Sensors
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

4LS5K-5MIA Datasheet(HTML) 42 Page - OSRAM GmbH

Back Button 4LS5K-5MIA Datasheet HTML 38Page - OSRAM GmbH 4LS5K-5MIA Datasheet HTML 39Page - OSRAM GmbH 4LS5K-5MIA Datasheet HTML 40Page - OSRAM GmbH 4LS5K-5MIA Datasheet HTML 41Page - OSRAM GmbH 4LS5K-5MIA Datasheet HTML 42Page - OSRAM GmbH 4LS5K-5MIA Datasheet HTML 43Page - OSRAM GmbH 4LS5K-5MIA Datasheet HTML 44Page - OSRAM GmbH 4LS5K-5MIA Datasheet HTML 45Page - OSRAM GmbH 4LS5K-5MIA Datasheet HTML 46Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 115 page
background image
Document Feedback
4LS
Functional Description
Datasheet
• PUBLIC
DS000542
• v3-01 • 2022-Nov-17
114
│ 41
Equation 2:
������������������������������������������ ������������������������ = ������������������������ + ������������ + ������������������ = ������������������������ + ������������������������������������������_������������������������������������
Figure 59:
Data and VTS Clocks
Readout Mode
Data (clocks)
Minimum LVAL Low
Period (clocks)
Minimum Readout Time
(clocks)
1-To-1
644
26
670
2-To-1
1288
30
1318
4-To-1
2576
38
2614
7.11.3
ADC Time
The ADC time depends on the sensor configuration (internal or external START_AD, ADC stabilization
on or off, ADC end of range, output mode).
Note that End of Range (EOR) value, that gives the maximum EOR level, is performed using 10-bit.
Therefore, the two LSBs are hardwired fixed at '1' and the other 8 bits come from the End of Range
register value.
Figure 60:
End of Range Value
Value Defined by End of Range Register
Hardwired Fix Values
x
x
x
x
x
x
x
x
1
1
The following formula presents the relationship between the value on the register and the number of
clock cycles.
Equation 3:
������������������������������������������������ = (������������������ ������������ ������������������������������ ������������������������������������������������ × 4) + 3
Figure 61:
ADC Time According to the Sensor Configuration
Start AD
ADC Stabilization
Output Mode
ADC Time [clocks]
Auto Start AD OFF
Status2Reg[4] = ' 0 '
ADC Response
Stabilization OFF
Status6Reg[0] = ' 0 '
8-bit mode
Status2Reg[3] = ' 1 '
24 + ROUNDUP(EOR_value + 1) = 280(1)
12-bit mode
Status2Reg[3] = ' 0 '
24 + ROUNDUP((EOR_value + 1) / 1.5) = 707(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com