Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8512-ZSSM Datasheet(PDF) 3 Page - OSRAM GmbH

Part # AS8512-ZSSM
Description  Battery pack current, voltage and temperature sensor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS8512-ZSSM Datasheet(HTML) 3 Page - OSRAM GmbH

  AS8512-ZSSM Datasheet HTML 1Page - OSRAM GmbH AS8512-ZSSM Datasheet HTML 2Page - OSRAM GmbH AS8512-ZSSM Datasheet HTML 3Page - OSRAM GmbH AS8512-ZSSM Datasheet HTML 4Page - OSRAM GmbH AS8512-ZSSM Datasheet HTML 5Page - OSRAM GmbH AS8512-ZSSM Datasheet HTML 6Page - OSRAM GmbH AS8512-ZSSM Datasheet HTML 7Page - OSRAM GmbH AS8512-ZSSM Datasheet HTML 8Page - OSRAM GmbH AS8512-ZSSM Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Short Datasheet ● PUBLIC ● Document Feedback
DS001088 ● v1-00 ● 2024-Jan-31
3 / 9
AS8512
General description
AS8512 Battery pack current, voltage and
temperature sensor
1
General description
The AS8512 is a virtually offset free, low noise, two channel measurement device. It is tailored
to accurately measure battery current from mA range up to kA range in conjunction with a
100 µΩ shunt resistor in series with the battery rail. Through the second measurement channel
it enables capture of, either battery voltage synchronous with the current measurement, or,
measure the analog output of an internal or external temperature sensor. Both channels are
matched and can either measure small signals up to ±160 mV versus ground, through
programmable gain amplifier or larger signals in the 0 to 1V range without the amplifier.
After analog to digital conversion and filtering, the resulting 16-bit data is accessible via 4-wire
standard serial interface (SPI).
1.1
Key benefits & features
The benefits and features of AS8512 are listed below:
Table 1: Added value of using AS8512
•
Precision, low noise, programmable gain amplifiers for both channels with gains 5, 25, 40, 100 to support wide
dynamic ranges.
•
Option for multiplexing either one differential input, or two single ended inputs or the internal temperature
sensor on one channel.
•
Programmable current source for external temperature sensor connectable to any of the inputs.
•
High precision and high stability 1.2V reference voltage source.
•
Digital signal processing with filter options for both
channels.
•
Four operating modes providing
Benefits
Features
• Low supply voltage
• 3.3V supply voltage
• Redundant measurement possibility
• Two high resolution 16-bit Σ−Δ A/D converters
• Flexible configuration
• Programmable sampling to enable data throughputs
from less than 1Hz to 8kHz
• Unique measurement principle
• Zero offset for both channels



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com