Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM150-G Datasheet(PDF) 1 Page - Comchip Technology

Part # AM150-G
Description  Silicon Miniature Single-Phase Bridge
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

AM150-G Datasheet(HTML) 1 Page - Comchip Technology

  AM150-G Datasheet HTML 1Page - Comchip Technology AM150-G Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page1
Comhip Technology Corporation . Tel:510-657-8671 . Fax: 510-657-8921 . www.comchiptech.com
Case: Reliable low cost construction utilizing molded
plastic technique results in inexpensive product
Terminals: Lead solderable per MIL-STD-202, Method 208
Polarity: Polarity symbols marking on body
Weight: 0.05 ounce, 1.3 grams
Available with 0.50 inch leads (P/N add Suffix “S”)
Mechanical Data:
Maximum Ratings and Electrical Characteristics
Ratings to 1000V PRV
Surge overloadrating - 30/50 amperes peak
Ideal for printed circuited board
Reliable construction utilizing molded plastic
Mounting position: Any
Features:
Voltage: 50 ~ 1000 Volts
Current: 1.0 ~ 1.5 Amp
AM100-G/150-G thru AM1010-G/1510-G
Silicon Miniature Single-Phase Bridge
“-G” suffix designated RoHS compliant version
For capacitive load, derate current by 20%
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Bridge input Voltage
Maximum DC Blocking Voltage
AM100 Maximum Average Forward Rectified
Current at TA=50ºC
Peak Forward Surge Current, 8.3ms single half
sine-wave superimposed on rated load
Maximum Forward Voltage Drop per Bridge
Element at 1.0A DC
Maximum Reverse Current at Rated TA=25ºC
DC Blocking Voltage per element TA=100ºC
I
2t Rating for fusing (t<8.35ms)
Typical Junction Capacitance per leg (Note1) CJ
Typical Thermal resistance per leg (Note 2) RθJA
Typical Thermal resistance per leg (Note 2) RθJL
Operating Temperature Range TJ
Storage Temperature Range TA
AM100-G AM101-G AM102-G AM104-G AM106-G AM108-G AM1010-G
AM150-G AM151-G AM152-G AM154-G AM156-G AM158-G AM1510-G
50
100
200
400
600
800
100
35
70
140
280
420
560
700
50
100
200
400
600
800
1000
1.0
1.5
30
50
1.0
10.0
1.0
10
24
36
13
-55 to +125
-55 to +150
Units
V
V
V
A
A
V
uA
mA
A2S
pF
ºC/W
ºC
ºC
Rating at 25ºC ambient temperature unless otherless specified
Single phase, half wave, 60Hz, Resistive or inductive load.
Notes:
1. Measured at 1 MHz and applied reverse voltage of 4.0 Volts
2. Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B with 0.47x0.47 (12x12mm) copper pads
.200 (5.6)
.180 (4.6)
.200 (5.6)
.180 (4.6)
.217 (5.5)
.197 (5.0)
1.2MIN
(30.5)
1.0MIN
(25.4)
.358
(9.1)
MAX
AM
.032 (8.1)
.030(7.6)
DIA
POS.
LEAD


Similar Part No. - AM150-G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
AM150 PANJIT-AM150 Datasheet
41Kb / 2P
1.0 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES(VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes)
logo
Transys Electronics
AM150 TRSYS-AM150 Datasheet
116Kb / 2P
1.0 TO 1.5 AMPERE SILICON MINIATURE SINGLE-PHASE BRIDGE
logo
Comchip Technology
AM150 COMCHIP-AM150 Datasheet
46Kb / 2P
Silicon Miniature Single-Phase Bridge
logo
Pan Jit International I...
AM150 PANJIT-AM150 Datasheet
53Kb / 2P
1.5 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES
logo
Panasonic Semiconductor
AM1500F PANASONIC-AM1500F Datasheet
228Kb / 8P
HIGH CONTACT CAPACITY, PRECISE OPERATION
More results

Similar Description - AM150-G

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
FL400 TRSYS-FL400 Datasheet
135Kb / 2P
IN-LINE MINIATURE SINGLE PHASE SILICON BRIDGE
logo
Comchip Technology
AM100 COMCHIP-AM100 Datasheet
46Kb / 2P
Silicon Miniature Single-Phase Bridge
logo
List of Unclassifed Man...
WL005M ETC1-WL005M Datasheet
89Kb / 2P
1.0 AMPERE MINIATURE SINGLE PHASE SILICON BRIDGE
logo
Pan Jit International I...
FL400 PANJIT-FL400_04 Datasheet
56Kb / 2P
IN-LINE MINIATURE SINGLE PHASE SILICON BRIDGE RECTIFIER
KBL400 PANJIT-KBL400 Datasheet
96Kb / 2P
IN-LINE MINIATURE SINGLE PHASE SILICON BRIDGE RECTIFIER
W005M PANJIT-W005M Datasheet
430Kb / 2P
1.0 AMPERES MINIATURE SINGLE-PHASE SILICON BRIDGE
logo
New Jersey Semi-Conduct...
2KBP005M NJSEMI-2KBP005M Datasheet
114Kb / 1P
2.0AMPERE MINIATURE SINGLE PHASE SILICON BRIDGE
3N253 NJSEMI-3N253 Datasheet
121Kb / 1P
MINIATURE GLASS PASSIVATED SINGLE PHASE SILICON BRIDGE RECTIFIER
2KBP005M NJSEMI-2KBP005M Datasheet
119Kb / 1P
2.0 AMPERE MINIATURE SINGLE PHASE SILICON BRIDGE
W005G NJSEMI-W005G Datasheet
71Kb / 1P
MINIATURE GLASS PASSIVATED SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com