Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRVJLPL1.F3-HSHU-R2R3-1 Datasheet(PDF) 10 Page - OSRAM GmbH

Part # GRVJLPL1.F3-HSHU-R2R3-1
Description  The OSLON Pure® 1414, one of the best lumen density, excellent efficiency and color homogeneity.
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GRVJLPL1.F3-HSHU-R2R3-1 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button GRVJLPL1.F3-HSHU-R2R3-1 Datasheet HTML 6Page - OSRAM GmbH GRVJLPL1.F3-HSHU-R2R3-1 Datasheet HTML 7Page - OSRAM GmbH GRVJLPL1.F3-HSHU-R2R3-1 Datasheet HTML 8Page - OSRAM GmbH GRVJLPL1.F3-HSHU-R2R3-1 Datasheet HTML 9Page - OSRAM GmbH GRVJLPL1.F3-HSHU-R2R3-1 Datasheet HTML 10Page - OSRAM GmbH GRVJLPL1.F3-HSHU-R2R3-1 Datasheet HTML 11Page - OSRAM GmbH GRVJLPL1.F3-HSHU-R2R3-1 Datasheet HTML 12Page - OSRAM GmbH GRVJLPL1.F3-HSHU-R2R3-1 Datasheet HTML 13Page - OSRAM GmbH GRVJLPL1.F3-HSHU-R2R3-1 Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
GR VJLPL1.F3
DATASHEET
DATASHEET
10 | Version 1.2 | 2024-04-03
Forward current 5)
I
F = f(VF); TJ = 25 °C
GR VJLPL1.F3
2,53,3
2,62,8
3,03,2
VF /V
10
200
400
600
800
1000
IF /mA
Relative Luminous Flux 5), 6)
Φ
v/Φv(350 mA) = f(IF); TJ = 25 °C
GR VJLPL1.F3
IF /mA
0,0
0,5
1,0
1,5
2,0
ΦV
ΦV(350mA)
Chromaticity Coordinate Shift 5)
ΔCx, ΔCy = f(I
F); TJ = 25 °C
GR VJLPL1.F3
IF /mA
-0,03
-0,02
-0,01
0,00
0,01
0,02
0,03
∆Cx
∆Cy
: ∆ Cx
: ∆ Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com