Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSQ976.01 Datasheet(PDF) 18 Page - OSRAM GmbH

Part # LSQ976.01
Description  The Chip LED 0603 is the product of choice for status indication in electronics.
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LSQ976.01 Datasheet(HTML) 18 Page - OSRAM GmbH

Back Button LSQ976.01 Datasheet HTML 14Page - OSRAM GmbH LSQ976.01 Datasheet HTML 15Page - OSRAM GmbH LSQ976.01 Datasheet HTML 16Page - OSRAM GmbH LSQ976.01 Datasheet HTML 17Page - OSRAM GmbH LSQ976.01 Datasheet HTML 18Page - OSRAM GmbH LSQ976.01 Datasheet HTML 19Page - OSRAM GmbH LSQ976.01 Datasheet HTML 20Page - OSRAM GmbH LSQ976.01 Datasheet HTML 21Page - OSRAM GmbH LSQ976.01 Datasheet HTML 22Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
LS Q976.01
DATASHEET
DATASHEET
18 | Version 1.0 | 2023-08-29
Type Designation System
L
B
Q
9
9
G
.
0
1
Chip Technology
G:
InGaN
6:
InGaAlP
Wavelength
Emission Color
Color coordinates according
dom typ.)
CIE 1931/Emission color:
B:
468 nm
Blue
W:
Cxy 0.30/0.29 White
T:
528 nm
True green
G:
573 nm
Yellow Green
Y:
589 nm
Yellow
O:
605 nm
Orange
R:
623 nm
Red
S:
633 nm
Super red
Package Type
Q:
Chip LED 0603/0402
Product Version Digit 2
0-9: Count
Product Version Digit 1
0-9: Count
Lead / Package Properties
9: Chip LED
Standard
Encapsulant Type / Lens Properties
9:
Clear resin
8:
White volume conversion
7:
Clear resin
L: Light
Emitting
Diode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com