Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIRA030 Datasheet(PDF) 13 Page - OSRAM GmbH

Part # MIRA030
Description  0.3MP global shutter CMOS image sensor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

MIRA030 Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button MIRA030 Datasheet HTML 9Page - OSRAM GmbH MIRA030 Datasheet HTML 10Page - OSRAM GmbH MIRA030 Datasheet HTML 11Page - OSRAM GmbH MIRA030 Datasheet HTML 12Page - OSRAM GmbH MIRA030 Datasheet HTML 13Page - OSRAM GmbH MIRA030 Datasheet HTML 14Page - OSRAM GmbH MIRA030 Datasheet HTML 15Page - OSRAM GmbH MIRA030 Datasheet HTML 16Page - OSRAM GmbH MIRA030 Datasheet HTML 17Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
Mira030
Electrical characteristics
Datasheet
• PUBLIC • Document Feedback
DS001021
• v3-00 • 2024-Feb-07
13 / 47
/
(2) Die and wafers, when in storage, should be stored at temperature between 20°C and 30°C, relative humidity of less than
30%, and in clean, dry, inert atmosphere (e.g. Nitrogen) or in a vacuum sealed bag.
5
Electrical characteristics
All limits are guaranteed. The parameters with Min and Max values are guaranteed with
production tests or SQC (Statistical Quality Control) methods.
Table 5: DC electrical characteristics (MIPI mode: VAVDD = 2.8V, VDOVDD = 1.8V)
Symbol
Parameter
Min
Typ
Max
Unit
Power supply
VAVDD
Analog supply voltage
2.7
2.8
2.9
V
VDVDD
Digital supply voltage
1.4
1.5
1.6
V
VDOVDD
I/O supply voltage
1.7
1.8
1.9
V
IAVDD
Analog supply current
-
-
-
mA
IDVDD
Digital supply current
-
-
-
mA
IDOVDD
I/O supply current
-
-
-
mA
Ptot
Total power consumption
(MIPI 2-lane, 180fps)
-
-
-
mW
Digital input (Reference: AVDD = 2.8V, DOVDD = 1.8V)
VIL
Input low level
-
-
0.3 × VDOVDD
V
VHL
Input high level
0.7 × VDOVDD
-
-
V
CIN
Input capacitor
-
-
10
pF
Digital output (25 pF standard load)
VOH
Output high level
0.9 × VDOVDD
-
-
V
VOL
Output low level
-
-
0.1 × VDOVDD
V
Serial interface input (SCL and SDA)
VIL
Input low level
-0.5
0
0.3 × VDOVDD
V
VHL
Input high level
0.7 × VDOVDD
VDOVDD
VDOVDD + 0.5
V
Table 6: AC characteristics (T = 25°C, VAVDD = 2.8V, VDOVDD = 1.8V)
Symbol
Parameter
Min
Typ
Max
Unit
AC parameters
DLE
DC differential linearity deviation
-
< 1
-
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com