Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PACKAGE1-2QC1WA Datasheet(PDF) 4 Page - OSRAM GmbH

Part # PACKAGE1-2QC1WA
Description  1/2.7” 2.2MP NIR Enhanced Global Shutter Image
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

PACKAGE1-2QC1WA Datasheet(HTML) 4 Page - OSRAM GmbH

  PACKAGE1-2QC1WA Datasheet HTML 1Page - OSRAM GmbH PACKAGE1-2QC1WA Datasheet HTML 2Page - OSRAM GmbH PACKAGE1-2QC1WA Datasheet HTML 3Page - OSRAM GmbH PACKAGE1-2QC1WA Datasheet HTML 4Page - OSRAM GmbH PACKAGE1-2QC1WA Datasheet HTML 5Page - OSRAM GmbH PACKAGE1-2QC1WA Datasheet HTML 6Page - OSRAM GmbH PACKAGE1-2QC1WA Datasheet HTML 7Page - OSRAM GmbH PACKAGE1-2QC1WA Datasheet HTML 8Page - OSRAM GmbH PACKAGE1-2QC1WA Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Document Feedback
Mira220
General Description
Short Datasheet
• PUBLIC
DS001056
• v3-00 • 2023-Feb-14
10
│ 3
1
General Description
Mira220 is a 2.2 MP NIR enhanced global shutter image sensor with a small 2.79
μm pixel size. It has
excellent low light sensitivity made possible by a state-of-the-art stacked BSI technology. With an
effective resolution of 1600 × 1400 and a maximum bit depth of 12 bits, the sensor supports on-chip
operations like external triggering, windowing, horizontal or vertical mirroring. The maximum frame
rate is 90 fps at full resolution and bit depth. The sensor has a MIPI CSI-2 interface to allow easy
interfacing with a plethora of processors and FPGAs. On-chip registers can be accessed via the
standard I²C interface for easy configuration of the sensor.
Due to its small size, configurability and high sensitivity both in visual as well as NIR, the Mira220 is
well suited for 2D and 3D applications, which include Active Stereo Vision, Structured Light Vision for
Robotics and AR/VR. High sensitivity in NIR enables increased measurement range and allows overall
system power consumption optimization which is key for battery powered consumer and industrial
applications.
1.1
Key Benefits & Features
Figure 1:
Added Value of Using Mira220
Benefits
Features
Compact size with high
resolution and bit depth
● 1/2.7”
● 1600x1400
● 8/10/12-bit
● 2.79 μm
High speed applications
90 fps global shutter with CDS
Use in low light conditions
High sensitivity
Compact size
Small die size achieved via state-of-the-art stacked
BSI technology
NIR enhanced with high
sensitivity
Class leading QE at 940 nm combined with high
sensitivity. Industry leading PLS at 940 nm
On chip noise reduction
Digital CDS and row noise correction
Reduced off-chip processing
● On chip defect pixel detection and correction
● On chip image statistics generation
Multiple variants
Available as Mono, RGB or RGBIR variant.
Orderable with AR coated or plain glass and
protective film
Extended battery operation
Low power consumption



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com