Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DC7G3HWA Datasheet(PDF) 2 Page - Kingbright Corporation

Part # DC7G3HWA
Description  10 SEGMENT BAR GRAPH ARRAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

DC7G3HWA Datasheet(HTML) 2 Page - Kingbright Corporation

  DC7G3HWA Datasheet HTML 1Page - Kingbright Corporation DC7G3HWA Datasheet HTML 2Page - Kingbright Corporation DC7G3HWA Datasheet HTML 3Page - Kingbright Corporation DC7G3HWA Datasheet HTML 4Page - Kingbright Corporation DC7G3HWA Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPEC NO: DSAD1430
REV NO: V.5
DATE: NOV/01/2006
PAGE: 2 OF 5
APPROVED: J. Lu
CHECKED: Joe Lee
DRAWN: Z.Z.YANG
ERP:1331000171
Selection Guide
Part No.
Dice
Lens Type
Iv (ucd) [1]
@ 10mA
Description
Min.
Typ.
DC7G3HWA
GREEN (GaP)
WHITE DIFFUSED
1900
9500
10 Segments
Bargraph-Display
7xGreen
3xBright Red
BRIGHT RED (GaP)
480
2200
Absolute Maximum Ratings at TA=25°C
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 2mm below package base.
Electrical / Optical Characteristics at TA=25°C
Symbol
Parameter
Device
Typ.
Max.
Test Conditions
Units
λpeak
Peak Wavelength
Green
Bright Red
565
700
nm
IF=20mA
λD[1]
Dominant Wavelength
Green
Bright Red
568
660
nm
IF=20mA
Δλ1/2
Spectral Line Half-width
Green
Bright Red
30
45
nm
IF=20mA
C
Capacitance
Green
Bright Red
15
40
pF
VF=0V;f=1MHz
VF [2]
Forward Voltage
Green
Bright Red
2.2
2.25
2.5
2.5
V
IF=20mA
IR
Reverse Current
Green
Bright Red
10
uA
VR = 5V
Parameter
Green
Bright Red
Units
Power dissipation
105
120
mW
DC Forward Current
25
25
mA
Peak Forward Current [1]
140
130
mA
Operating / Storage Temperature
-40°C To +85°C
Lead Solder Temperature [2]
260°C For 3 Seconds
Reverse Voltage
5
5
V
Note:
1. Luminous Intensity/ Luminous Flux: +/-15%.
Notes:
1. Wavelength: +/-1nm.
2. Forward Voltage: +/-0.1V.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com