Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCD2004K Datasheet(PDF) 2 Page - Goodwork Semiconductor Co., Ltd .

Part # FCD2004K
Description  Plastic-Encapsulate MOSFETS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

FCD2004K Datasheet(HTML) 2 Page - Goodwork Semiconductor Co., Ltd .

  FCD2004K Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . FCD2004K Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd . FCD2004K Datasheet HTML 3Page - Goodwork Semiconductor Co., Ltd . FCD2004K Datasheet HTML 4Page - Goodwork Semiconductor Co., Ltd . FCD2004K Datasheet HTML 5Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
STATIC PARAMETERS
Drain-source breakdown voltage
V (BR) DSS
VGS = 0V, ID =250µA
20
V
Zero gate voltage drain current
IDSS
VDS =16V,VGS = 0V
1
µA
Gate-body leakage current
IGSS
VGS =±4.5V, VDS = 0V
±1
µA
VGS =±8V, VDS = 0V
±10
µA
Gate threshold voltage (note 1)
VGS(th)
VDS =VGS, ID =250µA
0.4
1
V
Drain-source on-resistance (note 1)
RDS(on)
6.0
9.0
Ω
VGS =4.0V, ID =3A
9.3
mΩ
VGS =3.8V, ID =3A
9.7
mΩ
VGS =3.1V, ID =3A
10.5
mΩ
VGS =2.5V, ID =3A
12.5
mΩ
Forward tranconductance (note 1)
gFS
VDS =5V, ID =7A
9
S
Diode forward voltage(note 1)
VSD
IS=1A, VGS = 0V
1
V
DYNAMIC PARAMETERS (note 2)
Input Capacitance
Ciss
VDS =10V,VGS =0V,f =1MHz
7.6
pF
Output Capacitance
Coss
250
pF
Reverse Transfer Capacitance
Crss
210
pF
Total gate charge
Qg
VDS =10V,VGS =4.5V,ID =7A
17
nC
Gate-source charge
Qgs
2.0
nC
Gate-drain charge
Qgd
5.1
nC
SWITCHING PARAMETERS(note 2)
Turn-on delay time
td(on)
VGS=5V,VDD=10V,
RL=1.35Ω,RGEN=3Ω
2.2
ns
Turn-on rise time
tr
5.9
ns
Turn-off delay time
td(off)
40
ns
Turn-off fall time
tf
90
ns
Notes : 1. Pulse Test : Pulse width≤300µs, duty cycle≤0.5%.
2. Guaranteed by design, not subject to production testing.
MOSFET ELECTRICAL CHARACTERISTICS T =25 ℃ unless otherwise specified
a
36
7.3
7.8
8.2
9.0
1950
VGS =4.5V, ID =3A
6.3
6.5
7.0
7.5
Drain-Source Diode Characteristics
Diode Forward Current
-
-
6.0
A
IS
m
FCD2004K
Dual N-Channel MOSFET



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com