Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD29413 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD29413
Description  Quadruple Differential Line Receivers With 3 State Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD29413 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD29413 Datasheet HTML 1Page - Renesas Technology Corp HD29413 Datasheet HTML 2Page - Renesas Technology Corp HD29413 Datasheet HTML 3Page - Renesas Technology Corp HD29413 Datasheet HTML 4Page - Renesas Technology Corp HD29413 Datasheet HTML 5Page - Renesas Technology Corp HD29413 Datasheet HTML 6Page - Renesas Technology Corp HD29413 Datasheet HTML 7Page - Renesas Technology Corp HD29413 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
HD29413
Rev.2.00, Jul.16.2004, page 3 of 7
Recommended Operating Conditions
Item
Symbol
Min
Typ
Max
Unit
Supply Voltage
V
CC
4.75
5.0
5.25
V
In Phase Input Voltage
V
IC
–7
—
+7
V
Differential Input Voltage
V
ID
+0.3
—
+6.0
V
Output Current
I
OH
—
—
–440
µA
I
OL
——
8
mA
Operating Temperature
Topr
0
—
70
°C
Electrical Characteristics
(Ta = 0 to + 70°C)
Item
Symbol
Min
Typ*
1
Max
Unit
Conditions
Differential Input High
Threshold Voltage
V
TH
——0.3
V
V
CC = 5 V ±5 %,
V
IC = –7 to +7 V
V
OH≥ 2.7 V, I OH = –440 µA
Differential Input Low
Threshold Voltage
V
TL
—
—
–0.3
V
V
OL≤ 0.4 V, I OL = 4 mA
Enable Input Voltage
V
IH
2.0
——V
V
IL
——0.8
V
Enable Input Clamp
Voltage
V
IK
—
—
–1.5
V
V
CC = 4.75 V, IIN = –18 mA
Output Voltage
V
OH
2.7
——V
V
CC = 4.75 V
V
ID = 0.3 to 6 V
I
OH = –440 µA
V
OL
——0.4
V
V
IL(G) = 0.8 V
V
ID = –0.3 to –6 V
I
OL = 4mA
——0.45
V
V
IH(G) = 2 V
I
OL = 8 mA
Off State (High
I
OZ
——20
µA
V
CC = 5.25 V
V
O = 2.4 V
impedance) Output
Current
—
—
–20
µA
V
IL (G) = 0.8 V, VIH(G) = 2 V
V
O = 0.4 V
Line Input Current
I
IN
——2.2
mA
V
CC = 5.25 V or VCC = 0 V
V
I = –10 V
0—
1.0
mA
V
I = 3 V
0
—
–1.0
mA
V
I = –3 V
—
—
–2.2
mA
V
I = –10 V
Enable Input Current
I
I(EN)
—
—
100
µA
V
CC = 5.25 V
V
I = 5.5 V
I
IH
——20
µA
V
I = 2.7 V
I
IL
—
—
–0.36 mA
V
I = 0.4 V
Short Circuit Output
Current
I
OS*
2
–15
—
–85
mA
V
CC = 5.25 V, VO = 0 V
Supply Current
I
CC
——70
mA
V
CC = 5.25 V, VI = 0 V (All Output Disable)
Notes: 1. All typical values are at V
CC = 5 V, Ta = 25°C, VIC = 0
2. Not more than one output should be shorted at a time.
Switching Characteristics
(V
CC = 5 V, Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Conditions
Propagation Delay Time
t
PLH, tPHL
—17
25
ns
C
L = 15 pF
Output Enable Time
t
ZH, tZL
—15
22
ns
Output Disable Time
t
HZ
—15
22
ns
C
L = 5 pF
t
LZ
—20
30
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com