Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD29413P Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HD29413P
Description  Quadruple Differential Line Receivers With 3 State Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD29413P Datasheet(HTML) 2 Page - Renesas Technology Corp

  HD29413P Datasheet HTML 1Page - Renesas Technology Corp HD29413P Datasheet HTML 2Page - Renesas Technology Corp HD29413P Datasheet HTML 3Page - Renesas Technology Corp HD29413P Datasheet HTML 4Page - Renesas Technology Corp HD29413P Datasheet HTML 5Page - Renesas Technology Corp HD29413P Datasheet HTML 6Page - Renesas Technology Corp HD29413P Datasheet HTML 7Page - Renesas Technology Corp HD29413P Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
HD29413
Rev.2.00, Jul.16.2004, page 2 of 7
Pin Arrangement
(Top view)
1
2
3
4
5
6
7
1B
GND
1A
1Y
2Y
8
Enable G
2A
2B
13
14
15
10
11
12
9
16 VCC
4B
4A
4Y
Enable G
3Y
3A
3B
Function Table
Differential Input
Enable
Output
V
IA – VIB
G
G
G
G
G
Y
+H
X
H
XL
H
—H
X
L
—X
L
L
XL
H
Z
H :
High level
L :
Low level
X :
Irrelevant
Z :
High impedance
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Supply Voltage
V
CC*
1
+7
V
In Phase Input Voltage
V
IC*
2
–25 to +25
V
Differential Input Voltage
V
ID*
3
0 to +25
V
Enable Input Voltage
V
IN
+7
V
Output Sink Current
I
O
+50
mA
Operating Temperature
Topr
0 to +70
°C
Storage Temperature
Tstg
–65 to +150
°C
Notes: 1. All voltage values except for differential input voltage are with respect to ground terminal.
2. V
IC = 1/2 (VIA + VIB) |VID| = |VIA – VIB|
3. Differential input voltage is measured at the noninverting input with respect to the corresponding inverting
input.
4. The absolute maximum ratings are values which must not individually be exceeded, and furthermore, no two
of which may be realized at the same time.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com