Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDA2S06-G Datasheet(PDF) 1 Page - Comchip Technology

Part # CDA2S06-G
Description  Steering Diode Arrays - ESD Suppressors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDA2S06-G Datasheet(HTML) 1 Page - Comchip Technology

  CDA2S06-G Datasheet HTML 1Page - Comchip Technology CDA2S06-G Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Steering Diode Arrays - ESD Suppressors
(16kV) IEC 61000-4-2 capable
Fast Reverse Recovery Time
Fast Turn on Time
Low Capacitance
SMD Packages
Signal Termination
Signal Conditioning
ESD Suppression
Transient Suppression
Applications
Schematics
Features
CDA Series-G (RoHS Device)
CDAAQ20-G 20 pin
CDA2Q20-G 20 pin
CDA3S06-G 6 pin
CDA4S14-G 4 pin
CDA5Q24-G 24 pin
CDA6N08-G 8 pin
CDA7Q24-G 24 pin
CDA8S03-G 3 pin
CDA9N08-G 8 pin
1
1
1
1
1
1
1
1


Similar Part No. - CDA2S06-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDA2Q20L COMCHIP-CDA2Q20L Datasheet
108Kb / 1P
Diode Network / ESD Suppressor
More results

Similar Description - CDA2S06-G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESDXS5UD NXP-PESDXS5UD Datasheet
115Kb / 13P
Fivefold ESD protection diode arrays
Rev. 02-7 December 2006
logo
Microsemi Corporation
MMAD1107 MICROSEMI-MMAD1107_05 Datasheet
105Kb / 2P
Switching Diode Array Steering Diode TVS Arrays
logo
Taiwan Semiconductor Co...
TESDS5V0A TSC-TESDS5V0A Datasheet
284Kb / 4P
Steering Diode Structure ESD Protection Array
TESDS5V0ALC TSC-TESDS5V0ALC Datasheet
295Kb / 4P
Steering Diode Structure ESD Protection Array
TESDV5V0A TSC-TESDV5V0A Datasheet
270Kb / 4P
Steering Diode Structure ESD Protection Array
TESDS5V0A TSC-TESDS5V0A_15 Datasheet
331Kb / 5P
Steering Diode Structure ESD Protection Array
TESDV5V0A TSC-TESDV5V0A_15 Datasheet
337Kb / 5P
Steering Diode Structure ESD Protection Array
logo
NXP Semiconductors
PESDXS5UD PHILIPS-PESDXS5UD Datasheet
115Kb / 13P
Fivefold ESD protection diode arrays
Rev. 02-7 December 2006
logo
Littelfuse
SP0402U-ELC-02ETG LITTELFUSE-SP0402U-ELC-02ETG Datasheet
1Mb / 4P
Enhanced ESD Diode Arrays Series
2019 Littelfuse, Inc
logo
Diodes Incorporated
DESD24VS5U6SOQ DIODES-DESD24VS5U6SOQ Datasheet
433Kb / 5P
FIVEFOLD ESD PROTECTION DIODE ARRAYS
July 2020 Rev.1 - 2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com