Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDA4S06-G Datasheet(PDF) 2 Page - Comchip Technology

Part # CDA4S06-G
Description  Steering Diode Arrays - ESD Suppressors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDA4S06-G Datasheet(HTML) 2 Page - Comchip Technology

  CDA4S06-G Datasheet HTML 1Page - Comchip Technology CDA4S06-G Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Steering Diode Arrays - ESD Suppressors
Absolute Maximum Ratings:
( Ta = 25oC )
Symbol
Parameter
Value
Units
TOP
Operating temperature
-40 to +85
0C
VS
Supply voltage (rail to rail)
8
V
IF
Continuous forward current *
50
mA
* One diode conducting.
Electrical Ratings:
( Ta = 25oC )
Symbol
Characteristic
Min
Max
Units
Test Condition
VF
Forward voltage
0.6
0.95
V
IF = 50 ma
VR
Reverse breakdown voltage
7.2
-
V
IR = 1 ma
IL
Reverse leakage current
+ 0.1
+ 2.0
uA
7.1v
CT
Capacitance
1.0
5.0
pF
@ 1Mhz
VPV
Peak ESD voltage capability
16
kV
IEC 61000-4-2
Application:
(ESD Suppression)
( Signal Conditioning )
Package Information:
+ Rail
- Rail or GND
Driver
Receiver
Transient
+ Rail
- Rail or GND
Driver
Receiver
Signal
Ringing
Ringing
Eliminate
Transient
suppressed
W
L
p
W
L
p
S03
S14
d
d
W
L
p
S06
d
d
L
p
W
N08 – W20 – Q20 – Q24
Package
Code
Total
Power
Number
of Pins
L + 0.2
W + 0.2
p + 0.1
Pkg. Height
+ 0.2
d + 0.05
S03
225 mw
3
2.92
2.30
1.91
0.95
0.43
S14
225 mw
4
2.92
2.30
1.91
0.95
0.43
S06
225 mw
6
2.92
2.80
0.95
0.95
0.43
N08
400 mw
8
4.83
5.99
1.27
1.60
0.41
W20
1200mw
20
12.70
10.36
1.27
2.40
0.41
Q20
1000mw
20
8.66
5.99
0.635
1.60
0.25
Q24
1000mw
24
8.66
5.99
0.635
1.60
0.25
Ordering Information:
CDAA
Q20
Type
Package
CDAA
S03 = 3 pin SOT23
CDA2
S14 = 4 pin SOT23
CDA3
S06 = 6 pin SOT23
CDA4
N08 = 8 pin Narrow SOIC
CDA5
W20 = 20 pin Wide SOIC
CDA6
Q20 = 20 pin QSOP
CDA7
Q24 = 24 pin QSOP
CDA8
CDA9
-G
RoHS Compliant



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com