Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33981B Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # 33981B
Description  Single High-Side Switch (4.0 m??, PWM clock up to 60kHz
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33981B Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  33981B Datasheet HTML 1Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 2Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 3Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 4Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 5Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 6Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 7Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 8Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
Analog Integrated Circuit Device Data
2
Freescale Semiconductor
33981
INTERNAL BLOCK DIAGRAM
INTERNAL BLOCK DIAGRAM
Figure 2. 33981 Simplified Internal Block Diagram
GND
OUT Current
Recopy
Logic
Gate Driver
OUT
CSNS
VPWR
EN
INHS
INLS
CBOOT
Bootstrap Supply
Slew Rate Control
SR
Low-Side
Gate Driver
GLS
Undervoltage
FS
CONF
Cross-
Conduction
DLS
and Protection
TEMP
Temperature
Feedback
OCLS
Current Protection
Overtemperature
Detection
5.0 V
ICONF
IOCLS
IDWN
RDWN
5.0 V
Detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com