Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDTC123JT Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PDTC123JT
Description  NPN resistor-equipped transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTC123JT Datasheet(HTML) 2 Page - NXP Semiconductors

  PDTC123JT Datasheet HTML 1Page - NXP Semiconductors PDTC123JT Datasheet HTML 2Page - NXP Semiconductors PDTC123JT Datasheet HTML 3Page - NXP Semiconductors PDTC123JT Datasheet HTML 4Page - NXP Semiconductors PDTC123JT Datasheet HTML 5Page - NXP Semiconductors PDTC123JT Datasheet HTML 6Page - NXP Semiconductors PDTC123JT Datasheet HTML 7Page - NXP Semiconductors PDTC123JT Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1999 May 18
2
Philips Semiconductors
Product specification
NPN resistor-equipped transistor
PDTC123JT
FEATURES
• Built-in bias resistors R1 and R2 (typ. 2.2 kΩ and 47 kΩ
respectively)
• Simplification of circuit design
• Reduces number of components and board space.
APPLICATIONS
• Especially suitable for space reduction in interface and
driver circuits
• Inverter circuit configurations without use of external
resistors.
DESCRIPTION
NPN resistor-equipped transistor in a SOT23 plastic
package.
MARKING
Note
1.
∗ = p : Made in Hong Kong.
∗ = t : Made in Malaysia.
PINNING
TYPE NUMBER
MARKING CODE(1)
PDTC123JT
∗25
PIN
DESCRIPTION
1
base/input
2
emitter/ground
3
collector/output
Fig.1 Simplified outline (SOT23) and symbol.
k, 4 columns
2
1
3
MAM097
Top view
R1
R2
3
2
1
Fig.2 Equivalent inverter symbol.
MGA893 - 1
1
3
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com