Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34712 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # 34712
Description  3.0A 1.0MHz Fully Integrated DDR Switch-Mode Power Supply
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34712 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  34712 Datasheet HTML 1Page - Freescale Semiconductor, Inc 34712 Datasheet HTML 2Page - Freescale Semiconductor, Inc 34712 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34712 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34712 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34712 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34712 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34712 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34712 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Analog Integrated Circuit Device Data
2
Freescale Semiconductor
34712
INTERNAL BLOCK DIAGRAM
INTERNAL BLOCK DIAGRAM
Figure 2. 34712 Simplified Internal Block Diagram
Oscillator
Ramp
Generator
System
Control
VBG
FREQ
PVIN
VDDI
VREFIN
VREFOUT
GND
PGND
INV
COMP
BOOT
Isense
I
se nse
VBOOT
System
Reset
PG
SD
Error
Amplifier
PWM
Comparator
Buffer
RREF1
RREF2
Thermal
Monitoring
Discharge
VOUT
SW
STBY
Discharge
Discharge
M3
M1
Current
Monit oring
M4
I
li mit
VIN
Prog. Frequency
FSW
Buck
Cntl.
Logic
Gate
Driver
M2
Internal
Voltage
Regulator
VDDI
Bandgap
Regulat or
VDDI
M5
M6
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com