Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDTC124EE Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PDTC124EE
Description  NPN resistor-equipped transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTC124EE Datasheet(HTML) 2 Page - NXP Semiconductors

  PDTC124EE Datasheet HTML 1Page - NXP Semiconductors PDTC124EE Datasheet HTML 2Page - NXP Semiconductors PDTC124EE Datasheet HTML 3Page - NXP Semiconductors PDTC124EE Datasheet HTML 4Page - NXP Semiconductors PDTC124EE Datasheet HTML 5Page - NXP Semiconductors PDTC124EE Datasheet HTML 6Page - NXP Semiconductors PDTC124EE Datasheet HTML 7Page - NXP Semiconductors PDTC124EE Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1998 Jul 31
2
Philips Semiconductors
Product specification
NPN resistor-equipped transistor
PDTC124EE
FEATURES
• Built-in bias resistors R1 and R2
(typ. 22 k
Ω each)
• Simplification of circuit design
• Reduces number of components
and board space.
APPLICATIONS
• Especially suitable for space
reduction in interface and driver
circuits
• Inverter circuit configurations
without use of external resistors.
DESCRIPTION
NPN resistor-equipped transistor in
an SC-75; SOT416 plastic package.
PNP complement: PDTA124EE.
PINNING
PIN
DESCRIPTION
1
base/input
2
emitter/ground
3
collector/output
Fig.1
Simplified outline (SC-75; SOT416) and symbol.
handbook, halfpage
MAM346
1
2
3
Top view
12
3
R1
R2
Fig.2
Equivalent inverter
symbol.
MGA893 - 1
1
3
2
MARKING
TYPE
NUMBER
MARKING
CODE
PDTC124EE
06
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCEO
collector-emitter voltage
open base
−−
50
V
IO
output current (DC)
−−
100
mA
ICM
peak collector current
−−
100
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
−−
150
mW
hFE
DC current gain
IC = 5 mA; VCE =5V
60
−−
R1
input resistor
15.4
22
28.6
k
Ω
resistor ratio
0.8
1
1.2
R2
R1
-------



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com